Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD711JR Datasheet (PDF) - Analog Devices

AD711JR Datasheet PDF - Analog Devices
Part # AD711JR
Download  AD711JR Download
File Size   717.07 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Low Cost, High Speed, BiFET Op Amp

AD711JR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD711JR Datasheet PDF - Analog Devices

Part # AD711JR
Download  AD711JR Click to download

File Size   717.07 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Low Cost, High Speed, BiFET Op Amp

AD711JR Datasheet (HTML) - Analog Devices


AD711JR Product details

PRODUCT DESCRIPTION

The AD711 is a high speed, precision monolithic operational amplifier offering high performance at very modest prices. Its very low offset voltage and offset voltage drift are the results of advanced laser wafer trimming technology. These performance benefits allow the user to easily upgrade existing designs that use older precision BiFETs and, in many cases, bipolar op amps.



FEATURES

    Enhanced Replacement for LF411 and TL081


AC PERFORMANCE

    Settles to ±0.01% in 1.0 μs

    16 V/μs min Slew Rate (AD711J)

    3 MHz min Unity Gain Bandwidth (AD711J)


DC PERFORMANCE

   0.25 mV max Offset Voltage: (AD711C)

   3 μV/°C max Drift: (AD711C)

   200 V/mV min Open-Loop Gain (AD711K)

   4 μV p-p max Noise, 0.1 Hz to 10 Hz (AD711C)

   Available in Plastic Mini-DIP, Plastic SOIC, Hermetic Cerdip, and Hermetic Metal Can Packages


MIL-STD-883B Parts Available

   Available in Tape and Reel in Accordance with EIA-481A Standard

   Surface Mount (SOIC)

   Dual Version: AD712



 




Similar Part No. - AD711JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711JR AD-AD711JR Datasheet
523Kb / 12P
Precision, Low Cost, High Speed, BiFET Op Amp
REV.A
AD711JR AD-AD711JR Datasheet
592Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JR AD-AD711JR Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JR AD-AD711JR Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JR-REEL AD-AD711JR-REEL Datasheet
523Kb / 12P
Precision, Low Cost, High Speed, BiFET Op Amp
REV.A
More results


Similar Description - AD711JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD642 AD-AD642 Datasheet
395Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV.0
AD711 AD-AD711 Datasheet
523Kb / 12P
Precision, Low Cost, High Speed, BiFET Op Amp
REV.A
AD712 AD-AD712 Datasheet
635Kb / 15P
Dual Precision, Low Cost, High Speed, BiFET Op Amp
AD713 AD-AD713 Datasheet
456Kb / 14P
Quad Precision, Low Cost, High Speed, BiFET Op Amp
10/01-Data Sheet changed from REV. B to REV. C.
AD711 AD-AD711_02 Datasheet
592Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD711SH AD-AD711SH Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_15 Datasheet
387Kb / 20P
Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com