Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7660 Datasheet (PDF) - Analog Devices

AD7660 Datasheet PDF - Analog Devices
Part # AD7660
Download  AD7660 Download
File Size   348.4 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC

AD7660 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7660 Datasheet PDF - Analog Devices

Part # AD7660
Download  AD7660 Click to download

File Size   348.4 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC

AD7660 Datasheet (HTML) - Analog Devices


AD7660 Product details

GENERAL DESCRIPTION
The AD7676 is a 16-bit, 500 kSPS, charge redistribution SAR, fully differential analog-to-digital converter (ADC) that operates from a single 5 V power supply. The part contains a high speed 16-bit sampling ADC, an internal conversion clock, error correction circuits, and both serial and parallel system interface ports.

FEATURES
   Throughput: 500 kSPS
   INL: ±1 LSB Max (±0.0015% of Full Scale)
   16-Bit Resolution with No Missing Codes
   S/(N+D): 94 dB Typ @ 45 kHz
   THD: –110 dB Typ @ 45 kHz
   Differential Input Range: ±2.5 V
   Both AC and DC Specifications
   No Pipeline Delay
   Parallel (8 Bits/16 Bits) and Serial 5 V/3 V Interface
   SPI™/QSPI™/MICROWIRE™/DSP Compatible
   Single 5 V Supply Operation
   67 mW Typical Power Dissipation, 15 μW @ 100 SPS
   Power-Down Mode: 7 μW Max
   Packages: 48-Lead Quad Flatpack (LQFP)
      48-Lead Frame Chip Scale (LFCSP)
   Pin-to-Pin Compatible with the AD7675

APPLICATIONS
   CT Scanners
   Data Acquisition
   Instrumentation
   Spectrum Analysis
   Medical Instruments
   Battery-Powered Systems
   Process Control




Similar Part No. - AD7660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7660 AD-AD7660 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7660 AD-AD7660 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7660 AD-AD7660 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7660 AD-AD7660 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
More results


Similar Description - AD7660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7676 AD-AD7676 Datasheet
321Kb / 20P
16-Bit -1 LSB INL, 500 kSPS, Differential ADC
REV.0
AD7677 AD-AD7677 Datasheet
322Kb / 20P
16-Bit, 1 LSB INL, 1 MSPS Differential ADC
REV.0
AD7693 AD-AD7693 Datasheet
526Kb / 24P
16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
AD7688BRMZ AD-AD7688BRMZ Datasheet
437Kb / 28P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. A
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7677 AD-AD7677_15 Datasheet
338Kb / 20P
16-Bit, 1 LSB INL, 1 MSPS
REV. A
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7688 AD-AD7688 Datasheet
562Kb / 29P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
6/14-Rev. A to Rev. B
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
16-Bit, 1 LSB INL
23-Feb-2017
AD7677 AD-AD7677_17 Datasheet
380Kb / 21P
16-Bit, 1 LSB INL, 1 MSPS Differential ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com