Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7741YR Datasheet (PDF) - Analog Devices

AD7741YR Datasheet PDF - Analog Devices
Part # AD7741YR
Download  AD7741YR Download
File Size   135.22 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single and Multichannel, Synchronous Voltage-to-Frequency Converters

AD7741YR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7741YR Datasheet PDF - Analog Devices

Part # AD7741YR
Download  AD7741YR Click to download

File Size   135.22 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single and Multichannel, Synchronous Voltage-to-Frequency Converters

AD7741YR Datasheet (HTML) - Analog Devices


AD7741YR Product details

GENERAL DESCRIPTION
The AD7741/AD7742 are a new generation of synchronous voltage-to-frequency converters (VFCs). The AD7741 is a single-channel version in an 8-lead package (SOIC/DIP) and the AD7742 is a multichannel version in a 16-lead package (SOIC/DIP). No user trimming is required to achieve the specified performance.

FEATURES
    AD7741: One Single-Ended Input Channel
    AD7742: Two Differential or Three Pseudo-Differential Input Channels
    Integral Nonlinearity of 0.012% at fOUT(Max) = 2.75 MHz (AD7742) and at fOUT(Max) = 1.35 MHz (AD7741)
    Single +5 V Supply Operation
    Buffered Inputs
    Programmable Gain Analog Front-End
    On-Chip +2.5 V Reference
    Internal/External Reference Option
    Power Down to 35 mA Max
    Minimal External Components Required
    8-Lead and 16-Lead DIP and SOIC Packages

APPLICATIONS
    Low Cost Analog-to-Digital Conversion
    Signal Isolation




Similar Part No. - AD7741YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7741YR AD-AD7741YR Datasheet
131Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV.0
AD7741YR AD-AD7741YR Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741YR AD-AD7741YR Datasheet
120Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results


Similar Description - AD7741YR

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV.0
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Analog Devices
EVAL-AD7741-42EBZ AD-EVAL-AD7741-42EBZ Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BRZ AD-AD7741BRZ Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Analog Devices
AD7741BNZ AD-AD7741BNZ Datasheet
120Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741 AD-AD7741_15 Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com