Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8047ARZ Datasheet (PDF) - Analog Devices

AD8047ARZ Datasheet PDF - Analog Devices
Part # AD8047ARZ
Download  AD8047ARZ Download
File Size   516.96 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz, General Purpose Voltage Feedback Op Amps

AD8047ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8047ARZ Datasheet PDF - Analog Devices

Part # AD8047ARZ
Download  AD8047ARZ Click to download

File Size   516.96 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz, General Purpose Voltage Feedback Op Amps

AD8047ARZ Datasheet (HTML) - Analog Devices


AD8047ARZ Product details

PRODUCT DESCRIPTION
The AD8047 and AD8048 are very high speed and wide bandwidth amplifiers. The AD8047 is unity gain stable. The AD8048 is stable at gains of two or greater. The AD8047 and AD8048, which utilize a voltage feedback architecture, meet the requirements of many applications that previously depended on current feedback amplifiers.
   
FEATURES
    Wide Bandwidth                        AD8047, G = +1   AD8048, G = +2
        Small Signal                          250 MHz              260 MHz
        Large Signal (2 V p-p)           130 MHz              160 MHz
    5.8 mA Typical Supply Current
    Low Distortion, (SFDR) Low Noise
        –66 dBc Typ @ 5 MHz
        –54 dBc Typ @ 20 MHz
        5.2 nV/√Hz (AD8047), 3.8 nV/√Hz (AD8048) Noise
    Drives 50 pF Capacitive Load
    High Speed
        Slew Rate 750 V/μs (AD8047), 1000 V/μs (AD8048)
        Settling 30 ns to 0.01%, 2 V Step
    ±3 V to ±6 V Supply Operation
   
APPLICATIONS
    Low Power ADC Input Driver
    Differential Amplifiers
    IF/RF Amplifiers
    Pulse Amplifiers
    Professional Video
    DAC Current to Voltage Conversion
    Baseband and Video Communications
    Pin Diode Receivers
    Active Filters/Integrators
   




Similar Part No. - AD8047ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8047AR AD-AD8047AR Datasheet
478Kb / 16P
250 MHz, General Purpose Voltage Feedback Op Amps
REV.0
AD8047AR AD-AD8047AR Datasheet
284Kb / 16P
250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047AR AD-AD8047AR Datasheet
438Kb / 17P
250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047AR AD-AD8047AR Datasheet
516Kb / 17P
250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047AR-REEL AD-AD8047AR-REEL Datasheet
284Kb / 16P
250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
More results


Similar Description - AD8047ARZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
GENERAL-PURPOSE SINGLE OP-AMPs
Dec 1988
logo
Analog Devices
AD8047 AD-AD8047 Datasheet
478Kb / 16P
250 MHz, General Purpose Voltage Feedback Op Amps
REV.0
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
logo
Analog Devices
AD8047 AD-AD8047_03 Datasheet
284Kb / 16P
250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ANZ AD-AD8047ANZ Datasheet
438Kb / 17P
250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ANZ AD-AD8047ANZ Datasheet
516Kb / 17P
250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047 AD-AD8047_15 Datasheet
516Kb / 17P
250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048 AD-AD8048_15 Datasheet
516Kb / 17P
250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
logo
3PEAK INC.
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
36V General Purpose Op Amps
Rev.0.02
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
36V General Purpose Op Amps
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com