Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8561ARZ Datasheet (PDF) - Analog Devices

AD8561ARZ Datasheet PDF - Analog Devices
Part # AD8561ARZ
Download  AD8561ARZ Download
File Size   650.2 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrafast 7 ns Single Supply Comparator

AD8561ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8561ARZ Datasheet PDF - Analog Devices

Part # AD8561ARZ
Download  AD8561ARZ Click to download

File Size   650.2 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrafast 7 ns Single Supply Comparator

AD8561ARZ Datasheet (HTML) - Analog Devices


AD8561ARZ Product details

GENERAL DESCRIPTION

The AD8561 is a single 7 ns comparator with separate input and output sections. Separate supplies enable the input stage to be operated from ±5 V dual supplies and +5 V single supplies.



FEATURES

7 ns Propagation Delay at 5 V

Single Supply Operation: 3 V to 10 V

Low Power

Latch Function

TSSOP Packages



APPLICATIONS

High Speed Timing

Clock Recovery and Clock Distribution

Line Receivers

Digital Communications

Phase Detectors

High Speed Sampling

Read Channel Detection

PCMCIA Cards

Upgrade for LT1016 Designs




Similar Part No. - AD8561ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8561ARZ AD-AD8561ARZ Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561ARZ-REEL AD-AD8561ARZ-REEL Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561ARZ-REEL7 AD-AD8561ARZ-REEL7 Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
More results


Similar Description - AD8561ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8561 AD-AD8561 Datasheet
105Kb / 11P
Ultrafast 7 ns Single Supply Comparator
REV.0
AD8564 AD-AD8564 Datasheet
115Kb / 8P
Quad 7 ns Single Supply Comparator
AD8598 AD-AD8598 Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
AD8611 AD-AD8611 Datasheet
130Kb / 12P
Ultrafast 4 ns Single Supply Comparators
REV.0
AD8611 AD-AD8611_06 Datasheet
413Kb / 20P
Ultrafast, 4 ns Single-Supply Comparators
8/06-Rev. 0 to Rev. A
AD8564 AD-AD8564_07 Datasheet
260Kb / 12P
Quad 7 ns Single Supply Comparator
REV. B
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8598 AD-AD8598_15 Datasheet
143Kb / 11P
Dual 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8564 AD-AD8564_15 Datasheet
275Kb / 12P
Quad 7 ns Single Supply Comparator
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com