Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8622ARZ Datasheet (PDF) - Analog Devices

AD8622ARZ Datasheet PDF - Analog Devices
Part # AD8622ARZ
Download  AD8622ARZ Download
File Size   432.5 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Precision Rail-to-Rail Output Op Amp

AD8622ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8622ARZ Datasheet PDF - Analog Devices

Part # AD8622ARZ
Download  AD8622ARZ Click to download

File Size   432.5 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Precision Rail-to-Rail Output Op Amp

AD8622ARZ Datasheet (HTML) - Analog Devices


AD8622ARZ Product details

GENERAL DESCRIPTION
The AD8622/AD8624 are dual and quad precision rail-to-rail output operational amplifiers with low supply currents of only 350 μA/amplifier maximum over temperature and supply voltages. The AD8622/AD8624 also has an input bias current cancellation circuitry that provides a very low input bias current over the full operating temperature.

FEATURES
    Very low offset voltage 125 μV maximum
    Supply current: 215 μA/amp typical
    Input bias current: 200 pA maximum
    Low input offset voltage drift: 1.2 μV/°C maximum
    Very low voltage noise: 11 nV/√Hz
    Operating temperature: −40°C to +125°C
    Rail-to-rail output swing
    Unity gain stable
    ±2.5 V to ±15 V operation

APPLICATIONS
    Portable precision instrumentation
    Laser diode control loops
    Strain gage amplifiers
    Medical instrumentation
    Thermocouple amplifiers




Similar Part No. - AD8622ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8622ARZ AD-AD8622ARZ Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8622ARZ AD-AD8622ARZ Datasheet
596Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
Rev. D
AD8622ARZ-REEL AD-AD8622ARZ-REEL Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8622ARZ-REEL AD-AD8622ARZ-REEL Datasheet
596Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
Rev. D
AD8622ARZ-REEL7 AD-AD8622ARZ-REEL7 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
More results


Similar Description - AD8622ARZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
Low Noise, Rail-to-Rail Precision Op Amp
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Analog Devices
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8624 AD-AD8624 Datasheet
165Kb / 4P
Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com