Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9221AR Datasheet (PDF) - Analog Devices

AD9221AR Datasheet PDF - Analog Devices
Part # AD9221AR
Download  AD9221AR Download
File Size   518.14 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters

AD9221AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9221AR Datasheet PDF - Analog Devices

Part # AD9221AR
Download  AD9221AR Click to download

File Size   518.14 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters

AD9221AR Datasheet (HTML) - Analog Devices


AD9221AR Product details

PRODUCT DESCRIPTION
The AD9200 is a monolithic, single supply, 10-bit, 20 MSPS analog-to-digital converter with an on-chip sample-and-hold amplifier and voltage reference. The AD9200 uses a multistage differential pipeline architecture at 20 MSPS data rates and guarantees no missing codes over the full operating temperature range.
The input of the AD9200 has been designed to ease the development of both imaging and communications systems. The user can select a variety of input ranges and offsets and can drive the input either single-ended or differentially.

FEATURES
   CMOS 10-Bit, 20 MSPS Sampling A/D Converter
   Pin-Compatible with AD876
   Power Dissipation: 80 mW (3 V Supply)
   Operation Between 2.7 V and 5.5 V Supply
   Differential Nonlinearity: 0.5 LSB
   Power-Down (Sleep) Mode
   Three-State Outputs
   Out-of-Range Indicator
   Built-In Clamp Function (DC Restore)
   Adjustable On-Chip Voltage Reference
   IF Undersampling to 135 MHz




Similar Part No. - AD9221AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9221AR AD-AD9221AR Datasheet
470Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221AR AD-AD9221AR Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221AR AD-AD9221AR Datasheet
412Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9221AR AD-AD9221AR Datasheet
423Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD9221AR AD-AD9221AR Datasheet
412Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
More results


Similar Description - AD9221AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9221 AD-AD9221 Datasheet
470Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221ARZ-REEL AD-AD9221ARZ-REEL Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220ARZ AD-AD9220ARZ Datasheet
412Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
423Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
412Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
AD9221ARSZ AD-AD9221ARSZ Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com