Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8513AR Datasheet (PDF) - Analog Devices

AD8513AR Datasheet PDF - Analog Devices
Part # AD8513AR
Download  AD8513AR Download
File Size   435.37 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Very Low Noise, Low Input Bias Current

AD8513AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8513AR Datasheet PDF - Analog Devices

Part # AD8513AR
Download  AD8513AR Click to download

File Size   435.37 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Very Low Noise, Low Input Bias Current

AD8513AR Datasheet (HTML) - Analog Devices


AD8513AR Product details

GENERAL DESCRIPTION
The AD8510/AD8512/AD8513 are single-, dual-, and quad-precision JFET amplifiers that feature low offset voltage, input bias current, input voltage noise, and input current noise.

FEATURES
   Fast settling time: 500 ns to 0.1%
   Low offset voltage: 400 μV maximum
   Low TCVOS: 1 μV/°C typical
   Low input bias current: 25 pA typical at VS = ±15 V
   Dual-supply operation: ±5 V to ±15 V
   Low noise: 8 nV/√Hz typical at f = 1 kHz
   Low distortion: 0.0005%
   No phase reversal
   Unity-gain stable

APPLICATIONS
   Instrumentation
   Multipole filters
   Precision current measurement
   Photodiode amplifiers
   Sensors
   Audio




Similar Part No. - AD8513AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8513AR AD-AD8513AR Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
AD8513AR AD-AD8513AR Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8513AR-REEL AD-AD8513AR-REEL Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
AD8513AR-REEL AD-AD8513AR-REEL Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8513AR-REEL7 AD-AD8513AR-REEL7 Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
More results


Similar Description - AD8513AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610 Datasheet
41Kb / 4P
Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
AD8510 AD-AD8510 Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512 AD-AD8512_15 Datasheet
435Kb / 20P
Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8513 AD-AD8513_15 Datasheet
435Kb / 20P
Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com