Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-70 Datasheet (PDF) - CUI INC

SD-70 Datasheet PDF - CUI INC
Part # SD-70
Download  SD-70 Download
File Size   316.08 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description SERIES: SD DESCRIPTION: STANDARD DIN CONNECTOR

SD-70 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD-70 Datasheet PDF - CUI INC

Part # SD-70
Download  SD-70 Click to download

File Size   316.08 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description SERIES: SD DESCRIPTION: STANDARD DIN CONNECTOR

SD-70 Datasheet (HTML) - CUI INC


SD-70 Product details

DESCRIPTION: STANDARD DIN CONNECTOR

FEATURES
• strain relief
• 3~13 pins
• 100 Vac rated




Similar Part No. - SD-70

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD-70 CUI-SD-70 Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
logo
CUI Devices
SD-70 CUID-SD-70 Datasheet
471Kb / 5P
STANDARD DIN CONNECTOR
04/19/2023
logo
Molex Electronics Ltd.
SD-70013-0001-1050 MOLEX1-SD-70013-0001-1050 Datasheet
214Kb / 3P
2.54mm (.100") SL??Interim Clip, 10 Circuits, Polarized
SD-70107-0001-0024 MOLEX8-SD-70107-0001-0024 Datasheet
119Kb / 2P
2.54mm (.100") Pitch SL??Wire-to-Wire Crimp Housing
More results


Similar Description - SD-70

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
030228FR SUYIN-USA-030228FR Datasheet
124Kb / 1P
STANDARD MINI DIN CONNECTOR SERIES
logo
CUI INC
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
STANDARD DIN CONNECTOR
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
STANDARD DIN CONNECTOR
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
STANDARD DIN CONNECTOR
08/05/2022
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com