Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC410L Datasheet (PDF) - Sharp Corporation

PC410L Datasheet PDF - Sharp Corporation
Part # PC410L
Download  PC410L Download
File Size   337.11 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler

PC410L Datasheet (PDF)

Go To PDF Page Download Datasheet
PC410L Datasheet PDF - Sharp Corporation

Part # PC410L
Download  PC410L Click to download

File Size   337.11 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler

PC410L Datasheet (HTML) - Sharp Corporation


PC410L Product details

■ Description

PC410L0NIP0F Series contains a LED optically coupled to an OPIC chip.

It is packaged in a 5 pin mini-flat.

Input-output isolation voltage(rms) is 3.75 kV.

High speed response(TYP. 10 Mb/s) and CMR is MIN. 10 kV/µs.



■ Features

1. 5 pin Mini-flat package

2. Double transfer mold package (Ideal for Flow Soldering)

3. High noise immunity due to high instantaneous common mode rejection voltage (CMH : MIN.10 kV/µs, CML : MIN. −10 kV/µs)

4. High speed response (tPHL : TYP. 48 ns, tPLH : TYP. 50 ns)

5. High isolation voltage between input and output (Viso(rms) : 3.75 kV)

6. RoHS directive compliant



■ Applications

1. Programmable controllers

2. Inverter



 




Similar Part No. - PC410L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
More results


Similar Description - PC410L

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC457 COSMO-KPC457 Datasheet
72Kb / 4P
High Speed 1Mb/s,High CMR Mini-flat Package Photocoupler
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
Mini-flat Package, High CMR Photocoupler
logo
COSMO Electronics Corp...
KPC457 COSMO-KPC457_12 Datasheet
61Kb / 4P
High Speed 1Mb/s,High CMR Mini-flat Package
logo
Sharp Corporation
PC457L0NIP0F SHARP-PC457L0NIP0F Datasheet
208Kb / 12P
High Speed 1Mb/s, High CMR Mini-flat Package
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC410S0NIP0F SHARP-PC410S0NIP0F Datasheet
239Kb / 15P
High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
PC456L0NIP0F SHARP-PC456L0NIP0F Datasheet
211Kb / 13P
High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC4D10SYIP0F SHARP-PC4D10SYIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com