Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTB1N100E Datasheet (PDF) - Motorola, Inc

MTB1N100E Datasheet PDF - Motorola, Inc
Part # MTB1N100E
Download  MTB1N100E Download
File Size   256.47 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 1.0 AMPERES 1000 VOLTS

MTB1N100E Datasheet (PDF)

Go To PDF Page Download Datasheet
MTB1N100E Datasheet PDF - Motorola, Inc

Part # MTB1N100E
Download  MTB1N100E Click to download

File Size   256.47 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 1.0 AMPERES 1000 VOLTS

MTB1N100E Datasheet (HTML) - Motorola, Inc


MTB1N100E Product details

TMOS POWER FET 1.0 AMPERES 1000 VOLTS RDS(on)= 9.0 OHM



The D2PAK package has the capability of housing a larger die than any existing surface mount package which allows it to be used in applications that require the use of surface mount components with higher power and lower RDS(on) capabilities. This high voltage MOSFET uses an advanced termination scheme to provide enhanced voltage–blocking capability without degrading  performance over time. In addition, this advanced TMOS E–FET is designed to with stand high energy in the avalanche and commutation modes. Thenew energy efficient design also offers adrain–to–source diode with a fast recovery time. Designed for high voltage,high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients.



• Robust High Voltage Termination

• Avalanche Energy Specified

• Source–to–Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode

• Diode is Characterized for Use in Bridge Circuits

• IDSS and VDS(on) Specified at Elevated Temperature

• Short Heatsink Tab Manufactured — Not Sheared

• Specially Designed Leadframe for Maximum Power Dissipation

• Available in 24 mm 13–inch/800 Unit Tape & Reel, Add T4 Suffix to Part Number

 




Similar Part No. - MTB1N100E

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MTB1-16PAL5701 ITT-MTB1-16PAL5701 Datasheet
174Kb / 6P
Microstrips .050 Contact Spacing
MTB1-16PAL5702 ITT-MTB1-16PAL5702 Datasheet
174Kb / 6P
Microstrips .050 Contact Spacing
MTB1-16PAL5703 ITT-MTB1-16PAL5703 Datasheet
174Kb / 6P
Microstrips .050 Contact Spacing
MTB1-16PAL5704 ITT-MTB1-16PAL5704 Datasheet
174Kb / 6P
Microstrips .050 Contact Spacing
MTB1-16PAL6101 ITT-MTB1-16PAL6101 Datasheet
174Kb / 6P
Microstrips .050 Contact Spacing
More results


Similar Description - MTB1N100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB3N100E MOTOROLA-MTB3N100E Datasheet
262Kb / 10P
TMOS POWER FET 3.0 AMPERES 1000 VOLTS
MTD1N80E MOTOROLA-MTD1N80E Datasheet
269Kb / 10P
TMOS POWER FET 1.0 AMPERES 800 VOLTS RDS(on) = 12 OHM
MTD1P50E MOTOROLA-MTD1P50E Datasheet
92Kb / 4P
TMOS POWER FET 1.0 AMPERES 500 VOLTS 15 OHM
MTD5N25E MOTOROLA-MTD5N25E Datasheet
252Kb / 10P
TMOS POWER FET 5.0 AMPERES 250 VOLTS RDS(on) = 1.0 OHM
MTP1N100E MOTOROLA-MTP1N100E Datasheet
203Kb / 8P
TMOS POWER FET 1.0 AMPERES 1000 VOLTS RDS(on) = 9.0 OHM
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
MTP1N60E MOTOROLA-MTP1N60E Datasheet
232Kb / 8P
TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM
MTP1N80E MOTOROLA-MTP1N80E Datasheet
221Kb / 8P
TMOS POWER FET 1.0 AMPERES 800 VOLTS RDS(on) = 12 OHMS
MTP5N40E MOTOROLA-MTP5N40E Datasheet
258Kb / 8P
TMOS POWER FET 5.0 AMPERES 400 VOLTS RDS(on) = 1.0 OHM
MTW7N80E MOTOROLA-MTW7N80E Datasheet
220Kb / 8P
TMOS POWER FET 7.0 AMPERES 800 VOLTS RDS(on) = 1.0 OHM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com