Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5508-T2 Datasheet (PDF) - Renesas Technology Corp

2SC5508-T2 Datasheet PDF - Renesas Technology Corp
Part # 2SC5508-T2
Download  2SC5508-T2 Download
File Size   229.94 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION

2SC5508-T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5508-T2 Datasheet PDF - Renesas Technology Corp

Part # 2SC5508-T2
Download  2SC5508-T2 Click to download

File Size   229.94 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION

2SC5508-T2 Datasheet (HTML) - Renesas Technology Corp


2SC5508-T2 Product details

NPN SILICON RF TRANSISTOR
FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04) 

FEATURES
• Ideal for low-noise, high-gain amplification applications
• NF = 1.1 dB TYP., Ga = 16 dB TYP. @ VCE = 2 V, IC = 5 mA, f = 2 GHz
• Maximum available power gain: MAG = 19 dB TYP. @ VCE = 2 V, IC = 20 mA, f = 2 GHz
• fT = 25 GHz technology adopted
• Flat-lead 4-pin thin-type super minimold (M04) package 




Similar Part No. - 2SC5508-T2

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5508-T2 NEC-2SC5508-T2 Datasheet
106Kb / 16P
NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
More results


Similar Description - 2SC5508-T2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG2046M33 CEL-NESG2046M33 Datasheet
292Kb / 4P
NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 CEL-NESG204619 Datasheet
320Kb / 4P
NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
NESG2021M05 RENESAS-NESG2021M05 Datasheet
159Kb / 14P
NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
logo
California Eastern Labs
NE85634 CEL-NE85634 Datasheet
216Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
Renesas Technology Corp
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com