Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML1005H3N9STS Datasheet (PDF) - Renesas Technology Corp

AML1005H3N9STS Datasheet PDF - Renesas Technology Corp
Part # AML1005H3N9STS
Download  AML1005H3N9STS Download
File Size   176.65 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SiGe RF Transistor for Low Noise, High-Gain

AML1005H3N9STS Datasheet (PDF)

Go To PDF Page Download Datasheet
AML1005H3N9STS Datasheet PDF - Renesas Technology Corp

Part # AML1005H3N9STS
Download  AML1005H3N9STS Click to download

File Size   176.65 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SiGe RF Transistor for Low Noise, High-Gain

AML1005H3N9STS Datasheet (HTML) - Renesas Technology Corp


AML1005H3N9STS Product details

FEATURES
• The NESG3033M14 is an ideal choice for low noise, high-gain amplification
   NF = 0.6 dB TYP. @ VCE = 2 V, IC = 6 mA, f = 2.0 GHz
• Maximum stable power gain: MSG = 20.5 dB TYP. @ VCE = 2 V, IC = 15 mA, f = 2.0 GHz
• SiGe HBT technology (UHS3) adopted: fmax = 110 GHz
• This product is improvement of ESD of NESG3032M14.
• 4-pin lead-less minimold (M14, 1208 PKG)




Similar Part No. - AML1005H3N9STS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AML100 ETC-AML100 Datasheet
488Kb / 2P
AML100 AnalogML™ Chip Product Brief
February 2022
More results


Similar Description - AML1005H3N9STS

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2046M33 NEC-NESG2046M33 Datasheet
118Kb / 3P
NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 NEC-NESG204619 Datasheet
116Kb / 3P
NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
NESG210719 NEC-NESG210719 Datasheet
114Kb / 3P
NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
logo
California Eastern Labs
NESG2046M33 CEL-NESG2046M33 Datasheet
292Kb / 4P
NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 CEL-NESG204619 Datasheet
320Kb / 4P
NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
logo
Renesas Technology Corp
NESG2021M05 RENESAS-NESG2021M05 Datasheet
159Kb / 14P
NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
NESG3032M14 RENESAS-NESG3032M14 Datasheet
168Kb / 15P
NPN SiGe RF Transistor for Low Noise, High-Gain
NESG210719 RENESAS-NESG210719 Datasheet
124Kb / 10P
NPN SiGe RF Transistor for Low Noise, High-Gain
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com