Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD828ARZ Datasheet (PDF) - Analog Devices

AD828ARZ Datasheet PDF - Analog Devices
Part # AD828ARZ
Download  AD828ARZ Download
File Size   462.63 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, Low Power Video Op Amp

AD828ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD828ARZ Datasheet PDF - Analog Devices

Part # AD828ARZ
Download  AD828ARZ Click to download

File Size   462.63 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, Low Power Video Op Amp

AD828ARZ Datasheet (HTML) - Analog Devices


AD828ARZ Product details

GENERAL DESCRIPTION

The AD828 is a low cost, dual video op amp optimized for use in video applications that require gains of +2 or greater and high output drive capability, such as cable driving. Due to its low power and single-supply functionality, along with excellent differential gain and phase errors, the AD828 is ideal for power sensitive applications such as video cameras and professional video equipment.



FEATURES

Excellent Video Performance

  Differential Gain and Phase Error of 0.01% and 0.05

High Speed

  130 MHz 3 dB Bandwidth (G = +2)

  450 V/s Slew Rate

  80 ns Settling Time to 0.01%

Low Power

  15 mA Max Power Supply Current

High Output Drive Capability

  50 mA Minimum Output Current per Amplifier

  Ideal for Driving Back Terminated Cables

Flexible Power Supply

  Specified for +5 V, 5 V, and 15 V Operation

  ±3.2 V Min Output Swing into a 150  Load (VS = 5 V)

Excellent DC Performance

  2.0 mV Input Offset Voltage

Available in 8-Lead SOIC and 8-Lead Plastic Mini-DIP




Similar Part No. - AD828ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD828AR AD-AD828AR Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
AD828AR AD-AD828AR Datasheet
448Kb / 12P
Dual, Low Power Video Op Amp
REV. C
AD828AR-REEL AD-AD828AR-REEL Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
AD828AR-REEL AD-AD828AR-REEL Datasheet
448Kb / 12P
Dual, Low Power Video Op Amp
REV. C
AD828AR-REEL7 AD-AD828AR-REEL7 Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
More results


Similar Description - AD828ARZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
Dual Wideband Video Op Amp
logo
Analog Devices
AD818 AD-AD818 Datasheet
353Kb / 12P
Low Cost, Low Power Video Op Amp
AD828 AD-AD828 Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
AD818 AD-AD818_03 Datasheet
924Kb / 16P
Low Cost, Low Power Video Op Amp
REV. C
AD828 AD-AD828_02 Datasheet
448Kb / 12P
Dual, Low Power Video Op Amp
REV. C
AD818 AD-AD818_10 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_15 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
AD828 AD-AD828_15 Datasheet
462Kb / 12P
Dual, Low Power Video Op Amp
REV. C
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
Dual Wideband Video Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com