Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7709ARU Datasheet (PDF) - Analog Devices

AD7709ARU Datasheet PDF - Analog Devices
Part # AD7709ARU
Download  AD7709ARU Download
File Size   428.45 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit - ADC with Switchable Current Sources

AD7709ARU Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7709ARU Datasheet PDF - Analog Devices

Part # AD7709ARU
Download  AD7709ARU Click to download

File Size   428.45 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit - ADC with Switchable Current Sources

AD7709ARU Datasheet (HTML) - Analog Devices


AD7709ARU Product details

GENERAL DESCRIPTION
The AD7709 is a complete analog front end for low frequency measurement applications. It contains a 16-bit Σ-Δ ADC, selectable reference inputs, three switchable matched excitation current sources, low-side power switches, and a digital I/O port. The 16-bit channel with PGA accepts fully differential, unipolar, and bipolar input signal ranges from 1.024 x REFIN/128 to 1.024 x REFIN. It can be configured as two fully differential input channels or four pseudo-differential input channels. Signals can be converted directly from a transducer without the need for signal conditioning.


FEATURES
    16-Bit Σ-Δ ADC
    Programmable Gain Front End
    Simultaneous 50 Hz and 60 Hz Rejection at 20 Hz Update Rate
    VREF Select™ Allows Absolute and Ratiometric Measurement Capability
    ISOURCE Select™
    16-Bit No Missing Codes
    13-Bit p-p Resolution @ 20 Hz, 20 mV Range
    16-Bit p-p Resolution @ 20 Hz, 2.56 V Range

INTERFACE
    3-Wire Serial
    SPI®, QSPI™, MICROWIRE™, and DSP Compatible
    Schmitt Trigger on SCLK

POWER
    Specified for Single 3 V and 5 V Operation
    Normal: 1.25 mA Typ @ 3 V
    Power-Down: 7 A (32.768 kHz Crystal Running)

ON-CHIP FUNCTIONS
    Rail-to-Rail Input Buffer and PGA
    Selectable Reference Inputs
    3 Switchable, Ratioed Current Sources for VBE Measurements
    4-Bit Digital I/O Port
Low-Side Power Switches

APPLICATIONS
    Sensor Measurement
    Temperature Measurement
    Pressure Measurements
    Weigh Scales
    Portable Instrumentation
    4–20 mA Loops




Similar Part No. - AD7709ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7709ARU AD-AD7709ARU Datasheet
353Kb / 32P
16-Bit-ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
437Kb / 33P
16-Bit ADC with Switchable Current Sources
23-Feb-2017
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
16-Bit-ADC with Switchable Current Sources
REV. A
More results


Similar Description - AD7709ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7709 AD-AD7709 Datasheet
248Kb / 17P
16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port
AD7783 AD-AD7783 Datasheet
217Kb / 12P
Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
8/04-Data Sheet Changed from REV. A to REV. B.
logo
Linear Technology
LTC2480 LINER-LTC2480 Datasheet
535Kb / 40P
16-Bit ADC with Easy Drive
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
logo
Analog Devices
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
16-Bit-ADC with Switchable Current Sources
REV. A
logo
Linear Technology
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
16-Bit ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
16-Bit ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
logo
Analog Devices
AD7709 AD-AD7709_17 Datasheet
437Kb / 33P
16-Bit ADC with Switchable Current Sources
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com