Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8012AR Datasheet (PDF) - Analog Devices

AD8012AR Datasheet PDF - Analog Devices
Part # AD8012AR
Download  AD8012AR Download
File Size   475.39 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 350 MHz Low Power Amplifier

AD8012AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8012AR Datasheet PDF - Analog Devices

Part # AD8012AR
Download  AD8012AR Click to download

File Size   475.39 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 350 MHz Low Power Amplifier

AD8012AR Datasheet (HTML) - Analog Devices


AD8012AR Product details

PRODUCT DESCRIPTION
The AD8012 is a dual, low power, current feedback amplifier capable of providing 350 MHz bandwidth while using only 1.7 mA per amplifier. It is intended for use in high frequency, wide dynamic range systems where low distortion and high speed are essential and low power is critical.
   
FEATURES
    Low Power
        1.7 mA/Amplifier Supply Current
        Fully Specified for ±5 V and +5 V Supplies
    High Output Current, 125 mA
    High Speed
        350 MHz, –3 dB Bandwidth (G = +1)
        150 MHz, –3 dB Bandwidth (G = +2)
        2,250 V/μs Slew Rate
        20 ns Settling Time to 0.1%
    Low Distortion
        –72 dBc Worst Harmonic @ 500 kHz, RL = 100 Ω
        –66 dBc Worst Harmonic @ 5 MHz, RL = 1 kΩ
    Good Video Specifications (RL = 1 kΩ, G = +2)
        0.02% Differential Gain Error
        0.06° Differential Phase Error
        Gain Flatness 0.1 dB to 40 MHz
        60 ns Overdrive Recovery
    Low Offset Voltage, 1.5 mV
    Low Voltage Noise, 2.5 nV/√Hz
    Available in 8-Lead SOIC and 8-Lead MSOP
   
APPLICATIONS
    XDSL, HDSL Line Drivers
    ADC Buffers
    Professional Cameras
    CCD Imaging Systems
    Ultrasound Equipment
    Digital Cameras
   




Similar Part No. - AD8012AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012AR AD-AD8012AR Datasheet
414Kb / 15P
Dual 350 MHz Low Power Amplifier
REV.A
AD8012AR AD-AD8012AR Datasheet
261Kb / 16P
Dual 350 MHz Low Power Amplifier
REV. B
AD8012AR-REEL AD-AD8012AR-REEL Datasheet
414Kb / 15P
Dual 350 MHz Low Power Amplifier
REV.A
AD8012AR-REEL AD-AD8012AR-REEL Datasheet
261Kb / 16P
Dual 350 MHz Low Power Amplifier
REV. B
AD8012AR-REEL7 AD-AD8012AR-REEL7 Datasheet
414Kb / 15P
Dual 350 MHz Low Power Amplifier
REV.A
More results


Similar Description - AD8012AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012 AD-AD8012 Datasheet
414Kb / 15P
Dual 350 MHz Low Power Amplifier
REV.A
AD8038 AD-AD8038 Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3 Datasheet
318Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8012 AD-AD8012_03 Datasheet
261Kb / 16P
Dual 350 MHz Low Power Amplifier
REV. B
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
50 MHz to 350 MHz CASCADEABLE AMPLIFIER
11-Mar-2008
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8012 AD-AD8012_15 Datasheet
475Kb / 17P
Dual 350 MHz Low Power Amplifier
REV. B
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
350-450 MHz Amplifier Kit
5/30/14
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com