Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132AR Datasheet (PDF) - Analog Devices

AD8132AR Datasheet PDF - Analog Devices
Part # AD8132AR
Download  AD8132AR Download
File Size   703.55 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Speed Differential Amplifier

AD8132AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8132AR Datasheet PDF - Analog Devices

Part # AD8132AR
Download  AD8132AR Click to download

File Size   703.55 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Speed Differential Amplifier

AD8132AR Datasheet (HTML) - Analog Devices


AD8132AR Product details

GENERAL DESCRIPTION
The AD8132 is a low cost differential or single-ended input to differential output amplifier with resistor set gain. The AD8132 is a major advancement over op amps for driving differential input ADCs or for driving signals over long lines. The AD8132 has a unique internal feedback feature that provides output gain and phase matching balanced to −68 dB at 10 MHz, suppressing harmonics and reducing radiated EMI.

FEATURES
    High speed
        350 MHz, −3 dB bandwidth
        1200 V/μs slew rate
    Resistor set gain
    Internal common-mode feedback
    Improved gain and phase balance: −68 dB @ 10 MHz
    Separate input to set the common-mode output voltage
    Low distortion: −99 dBc SFDR @ 5 MHz, 800 Ω load
    Low power: 10.7 mA @ 5 V
    Power supply range: +2.7 V to ±5.5 V
    Fully AEC-Q100 qualified (AD8132W)

APPLICATIONS
    Low power differential ADC drivers
    Differential gain and differential filtering
    Video line drivers
    Differential in/out level shifting
    Single-ended input to differential output drivers
    Active transformers
    Automotive driver assistance
    Automotive infotainment




Similar Part No. - AD8132AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132AR AD-AD8132AR Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
AD8132AR AD-AD8132AR Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
AD8132AR AD-AD8132AR Datasheet
621Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132AR AD-AD8132AR Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132AR AD-AD8132AR Datasheet
484Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
More results


Similar Description - AD8132AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8131 AD-AD8131 Datasheet
197Kb / 12P
Low-Cost, High-Speed Differential Driver
REV.0
AD8132 AD-AD8132 Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
AD518 AD-AD518 Datasheet
127Kb / 2P
LOW-COST HIGH-SPEED, IC OPERATIONAL AMPLIFIER
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
Low Cost, High Speed Differential Driver
REV. B
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD518 AD-AD518_15 Datasheet
1Mb / 4P
LOW COST HIGH SPEED IC OPERATIONAL AMPLIFIER
AD8131 AD-AD8131_15 Datasheet
479Kb / 21P
Low Cost, High Speed Differential Driver
REV. B
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com