Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8170AN Datasheet (PDF) - Analog Devices

AD8170AN Datasheet PDF - Analog Devices
Part # AD8170AN
Download  AD8170AN Download
File Size   476.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz, 10 ns Switching Multiplexers w/Amplifier

AD8170AN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8170AN Datasheet PDF - Analog Devices

Part # AD8170AN
Download  AD8170AN Click to download

File Size   476.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz, 10 ns Switching Multiplexers w/Amplifier

AD8170AN Datasheet (HTML) - Analog Devices


AD8170AN Product details

PRODUCT DESCRIPTION
The AD8170(2:1) and AD8174(4:1) are very high speed buffered multiplexers. These multiplexers offer an internal current feedback output amplifier whose gain can be programmed via external resistors and is capable of delivering 50 mA of output current. They offer –3 dB signal bandwidth of 250 MHz and slew rate of greater than 1000 V/µs. Additionally, the AD8170 and AD8174 have excellent video specifications with low differential gain and differential phase error of 0.02% and 0.05° and 0.1 dB flatness out to 80 MHz. With a low 78 dB of crosstalk and better than 88 dB isolation, these devices are useful in many high speed applications. These are low power devices consuming only 9.7 mA from a ±5 V supply.

FEATURES
   Fully Buffered Inputs and Outputs
   Fast Channel Switching: 10 ns
   Internal Current Feedback Output Amplifier
      High Output Drive:50 mA
      Flexible Gain Setting via External Resistor(s)
   High Speed
      250 MHz Bandwidth, G = +2
      1000 V/μs Slew Rate
      Fast Settling Time of 15 ns to 0.1%
   Low Power: < 10 mA
   Excellent Video Specifications (RL = 150 Ω, G = +2)
      Gain Flatness of 0.1 dB Beyond 80 MHz
      0.02% Differential Gain Error
      0.05° Differential Phase Error
   Low Crosstalk of –78 dB @ 5 MHz
   High Disable Isolation of –88 dB @ 5 MHz
   High Shutdown Isolation of –92 dB @ 5 MHz
   Low Cost
   Fast Output Disable Feature for Connecting Multiple
      Devices (AD8174 Only)
   Shutdown Feature Reduces Power to 1.5 mA (AD8174 Only)

APPLICATIONS
   Pixel Switching for “Picture-In-Picture”
   LCD and Plasma Displays
   Video Routers




Similar Part No. - AD8170AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8170AN AD-AD8170AN Datasheet
474Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV.0
More results


Similar Description - AD8170AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8170 AD-AD8170 Datasheet
474Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV.0
AD8180 AD-AD8180 Datasheet
253Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV.B
logo
Tyco Electronics
A70 MACOM-A70_1 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
Analog Devices
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
10 ns Switching Multiplexers
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com