Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8052AR Datasheet (PDF) - Analog Devices

AD8052AR Datasheet PDF - Analog Devices
Part # AD8052AR
Download  AD8052AR Download
File Size   579.56 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Speed, Rail-to-Rail Amplifiers

AD8052AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8052AR Datasheet PDF - Analog Devices

Part # AD8052AR
Download  AD8052AR Click to download

File Size   579.56 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Speed, Rail-to-Rail Amplifiers

AD8052AR Datasheet (HTML) - Analog Devices


AD8052AR Product details

GENERAL DESCRIPTION

The AD8051 (single), AD8052 (dual), and AD8054 (quad) are low cost, high speed, voltage feedback amplifiers. The amplifiers operate on +3 V, +5 V, or ±5 V supplies at low supply current. They have true single-supply capability with an input voltage range extending 200 mV below the negative rail and within 1 V of the positive rail.

Despite their low cost, the AD8051/AD8052/AD8054 provide excellent overall performance and versatility. The output voltage swings to within 25 mV of each rail, providing maximum output dynamic range with excellent overdrive recovery.

The AD8051/AD8052/AD8054 are well suited for video electronics, cameras, video switchers, or any high speed portable equipment. Low distortion and fast settling make them ideal for active filter applications.



FEATURES

  High speed and fast settling on 5 V

     110 MHz, −3 dB bandwidth (G = +1) (AD8051/AD8052)

     150 MHz, −3 dB bandwidth (G = +1) (AD8054)

     145 V/μs slew rate

     50 ns settling time to 0.1%

  Single-supply operation

     Output swings to within 25 mV of either rail

     Input voltage range: −0.2 V to +4 V; VS = 5 V

  Video specifications (G = +2)

     0.1 dB gain flatness: 20 MHz; RL = 150 Ω

     Differential gain/phase: 0.03%/0.03°

  Low distortion

     −80 dBc total harmonic @ 1 MHz, RL = 100 Ω

  Outstanding load drive capability

     Drives 45 mA, 0.5 V from supply rails (AD8051/AD8052)

     Drives 50 pF capacitive load (G = +1) (AD8051/AD8052)

  Low power: 2.75 mA/amplifier (AD8054)

  Low power: 4.4 mA/amplifier (AD8051/AD8052)



APPLICATIONS

  Active filters

  Analog-to-digital drivers

  Clock buffer

  Consumer video

  Professional cameras

  CCD imaging systems

  CD/DVD ROMs



 




Similar Part No. - AD8052AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8052AR AD-AD8052AR Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8052AR AD-AD8052AR Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8052AR-REEL AD-AD8052AR-REEL Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8052AR-REEL AD-AD8052AR-REEL Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8052AR-REEL7 AD-AD8052AR-REEL7 Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
More results


Similar Description - AD8052AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8054 AD-AD8054_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com