Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9631AN Datasheet (PDF) - Analog Devices

AD9631AN Datasheet PDF - Analog Devices
Part # AD9631AN
Download  AD9631AN Download
File Size   702.91 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps

AD9631AN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9631AN Datasheet PDF - Analog Devices

Part # AD9631AN
Download  AD9631AN Click to download

File Size   702.91 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps

AD9631AN Datasheet (HTML) - Analog Devices


AD9631AN Product details

GENERAL DESCRIPTION
The AD9631 and AD9632 are very high speed and wide band width amplifiers. They are an improved performance alternative to the AD9621 and AD9622. The AD9631 is unity gain stable. The AD9632 is stable at gains of 2 or greater. Using a voltage feedback architecture, the AD9631/AD9632’s exceptional settling time, bandwidth, and low distortion meet the requirements of many applications that previously depended on current feedback amplifiers. Its classical op amp structure works much more predictably in many designs.

FEATURES
    Wide Bandwidth
      AD9631, G = +1
      AD9632, G = +2
      Small Signal
        320 MHz
        250 MHz
      Large Signal (4 V p-p)
        175 MHz
        180 MHz
    Ultralow Distortion (SFDR), Low Noise
      –113 dBc Typ @ 1 MHz
      –95 dBc Typ @ 5 MHz
      –72 dBc Typ @ 20 MHz
      46 dBm Third Order Intercept @ 25 MHz
      7.0 nV/÷Hz Spectral Noise Density
    High Speed
      Slew Rate 1300 V/s
      Settling 16 ns to 0.01%, 2 V Step
      3 V to 5 V Supply Operation
      17 mA Supply Current

APPLICATIONS
    ADC Input Driver
    Differential Amplifiers
    IF/RF Amplifiers
    Pulse Amplifiers
    Professional Video
    DAC Current to Voltage
    Baseband and Video Communications
    Pin Diode Receivers
    Active Filters/Integrators/Log Amps




Similar Part No. - AD9631AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9631AN AD-AD9631AN Datasheet
528Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV.A
AD9631AN AD-AD9631AN Datasheet
635Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
7/03-Data Sheet changed from REV. B to REV. C.
AD9631AN AD-AD9631AN Datasheet
574Kb / 20P
Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
AD9631ANZ AD-AD9631ANZ Datasheet
477Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
Rev. D
More results


Similar Description - AD9631AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8036 AD-AD8036 Datasheet
387Kb / 23P
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV.A
AD9631 AD-AD9631 Datasheet
528Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV.A
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
7/03-Data Sheet changed from REV. B to REV. C.
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036ARZ AD-AD8036ARZ Datasheet
658Kb / 24P
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9632ARZ AD-AD9632ARZ Datasheet
574Kb / 20P
Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com