Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMXB120EPE Datasheet (PDF) - NXP Semiconductors

PMXB120EPE Datasheet PDF - NXP Semiconductors
Part # PMXB120EPE
Download  PMXB120EPE Download
File Size   252.98 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 30 V, P-channel Trench MOSFET

PMXB120EPE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMXB120EPE Datasheet PDF - NXP Semiconductors

Part # PMXB120EPE
Download  PMXB120EPE Click to download

File Size   252.98 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 30 V, P-channel Trench MOSFET

PMXB120EPE Datasheet (HTML) - NXP Semiconductors


PMXB120EPE Product details

General description

P-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN1010D-3 (SOT1215) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.



Features and benefits

• Trench MOSFET technology

• Leadless ultra small and ultra thin SMD plastic package: 1.1 × 1.0 × 0.37 mm

• Exposed drain pad for excellent thermal conduction

• ElectroStatic Discharge (ESD) protection 1 kV HBM



Applications

• High-side load switch and charging switch for portable devices

• Power management in battery driven portables

• LED driver

• DC-to-DC converter

• Drain-source on-state resistance RDSon = 100 mΩ




Similar Part No. - PMXB120EPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMXB120EPE NEXPERIA-PMXB120EPE Datasheet
734Kb / 15P
30 V, P-channel Trench MOSFET
24 September 2013
logo
NXP Semiconductors
PMXB120EPE PHILIPS-PMXB120EPE_15 Datasheet
252Kb / 15P
30 V, P-channel Trench MOSFET
24 September 2013
More results


Similar Description - PMXB120EPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMZ1200UPE PHILIPS-PMZ1200UPE_15 Datasheet
220Kb / 15P
30 V, P-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
30 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
30 V, P-channel Trench MOSFET
PMV50EPEA NEXPERIA-PMV50EPEA Datasheet
727Kb / 16P
30 V, P-channel Trench MOSFET
PMZ320UPE NEXPERIA-PMZ320UPE Datasheet
715Kb / 15P
30 V, P-channel Trench MOSFET
PMZ1200UPE NEXPERIA-PMZ1200UPE Datasheet
710Kb / 15P
30 V, P-channel Trench MOSFET
PMPB48EPA NEXPERIA-PMPB48EPA Datasheet
285Kb / 14P
30 V, P-channel Trench MOSFET
27 March 2018
PMPB12R5EP NEXPERIA-PMPB12R5EP Datasheet
316Kb / 14P
30 V, P-channel Trench MOSFET
1 March 2021
PMPB16EP NEXPERIA-PMPB16EP Datasheet
313Kb / 14P
30 V, P-channel Trench MOSFET
24 September 2019
PMPB17EP NEXPERIA-PMPB17EP Datasheet
305Kb / 14P
30 V, P-channel Trench MOSFET
26 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com