Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP285 Datasheet (PDF) - Toshiba Semiconductor

TLP285 Datasheet PDF - Toshiba Semiconductor
Part # TLP285
Download  TLP285 Download
File Size   384.97 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR

TLP285 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP285 Datasheet PDF - Toshiba Semiconductor

Part # TLP285
Download  TLP285 Click to download

File Size   384.97 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR

TLP285 Datasheet (HTML) - Toshiba Semiconductor


TLP285 Product details

Power Supplies Programmable Controllers Hybrid ICs



The Toshiba TLP285 consists of photo transistor, optically coupled to a gallium arsenide infrared emitting diode. TLP285 is housed in the SOP4 package, very small and thin coupler. Since TLP285 is guaranteed wide operating temperature (Ta=-55 to 110 ˚C) and high isolation voltage (3750Vrms), it’s suitable for high-density surface mounting applications such as small switching power supplies and programmable controllers.



 Collector-Emitter Voltage  : 80 V (min)

 Current Transfer Ratio  : 50% (min) 

   Rank GB  : 100% (min)

 Isolation Voltage  : 3750 Vrms (min)

 Guaranteed performance over -55 to 110 ˚C

 UL Recognized  : UL1577 , File No. E67349

 cUL Recognized  : CSA Component Acceptance Service No.5A

 BSI Approved  : BS EN 60065: 2002, 

                     : BS EN 60950-1: 2006 

Option (V4)

  VDE approved  : EN60747-5-2

  Maximum operating insulation voltage  : 707 Vpk

  Highest permissible over-voltage  : 6000 Vpk

 ( Note ) When a EN60747-5-2 approved type is needed, please designate the “Option(V4)”




Similar Part No. - TLP285

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Similar Description - TLP285

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com