Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP562BRQZ Datasheet (PDF) - Analog Devices

ADCMP562BRQZ Datasheet PDF - Analog Devices
Part # ADCMP562BRQZ
Download  ADCMP562BRQZ Download
File Size   341.6 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual High Speed PECL Comparators

ADCMP562BRQZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP562BRQZ Datasheet PDF - Analog Devices

Part # ADCMP562BRQZ
Download  ADCMP562BRQZ Click to download

File Size   341.6 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual High Speed PECL Comparators

ADCMP562BRQZ Datasheet (HTML) - Analog Devices


ADCMP562BRQZ Product details

GENERAL DESCRIPTION

The ADCMP561/ADCMP562 are high speed comparators fabricated on Analog Devices’ proprietary XFCB process. The devices feature a 700 ps propagation delay with less than 75 ps overdrive dispersion. Dispersion, a measure of the difference in propagation delay under differing overdrive conditions, is a particularly important characteristic of comparators. A separate programmable hysteresis pin is available on the ADCMP562.

A differential input stage permits consistent propagation delay with a wide variety of signals in the common-mode range from −2.0 V to +3.0 V. Outputs are complementary digital signals that are fully compatible with PECL 10 K and 10 KH logic families. The outputs provide sufficient drive current to directly drive transmission lines terminated in 50 Ω to VDD − 2 V. A latch input, which is included, permits tracking, track-and-hold, or sample-and-hold modes of operation. The latch input pins contain internal pull-ups that set the latch in tracking mode when left open.

The ADCMP561/ADCMP562 are specified over the industrial temperature range (−40°C to +85°C).



FEATURES

  Differential PECL compatible outputs

  700 ps propagation delay input to output

  75 ps propagation delay dispersion

  Input common-mode range: –2.0 V to +3.0 V

  Robust input protection

  Differential latch control

  Internal latch pull-up resistors

  Power supply rejection greater than 85 dB

  700 ps minimum pulse width

  1.5 GHz equivalent input rise time bandwidth

  Typical output rise/fall time of 500 ps

  ESD protection > 4kV HBM, >200V MM

  Programmable hysteresis



APPLICATIONS

  Automatic test equipment

  High speed instrumentation

  Scope and logic analyzer front ends

  Window comparators

  High speed line receivers

  Threshold detection

  Peak detection

  High speed triggers

  Patient diagnostics

  Disk drive read channel detection

  Hand-held test instruments

  Zero-crossing detectors

  Line receivers and signal restoration

  Clock drivers



 




Similar Part No. - ADCMP562BRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP562BRQ AD-ADCMP562BRQ Datasheet
335Kb / 16P
Dual High Speed PECL Comparators
7/04-Data Sheet Changed from Rev. 0 to Rev. A
More results


Similar Description - ADCMP562BRQZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9600 MAXIM-MAX9600 Datasheet
268Kb / 12P
Dual ECL and Dual/Quad PECL, 500ps, Ultra-High-Speed Comparators
Rev 1; 9/02
logo
Analog Devices
ADCMP551 AD-ADCMP551 Datasheet
522Kb / 14P
Single Supply High Speed PECL Comparators
ADCMP561 AD-ADCMP561 Datasheet
335Kb / 16P
Dual High Speed PECL Comparators
7/04-Data Sheet Changed from Rev. 0 to Rev. A
ADCMP551_0410 AD-ADCMP551_0410 Datasheet
358Kb / 16P
Single-Supply, High Speed PECL/LVPECL Comparators
10/04-Revision 0
ADCMP551 AD-ADCMP551_13 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP551 AD-ADCMP551_15 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP552 AD-ADCMP552_15 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP553 AD-ADCMP553_15 Datasheet
259Kb / 16P
Single Supply High Speed PECL/LVPECL Comparators
REV. A
ADCMP561 AD-ADCMP561_15 Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
ADCMP562 AD-ADCMP562_15 Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com