Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL203CE Datasheet (PDF) - Analog Devices

ADXL203CE Datasheet PDF - Analog Devices
Part # ADXL203CE
Download  ADXL203CE Download
File Size   618.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer

ADXL203CE Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL203CE Datasheet PDF - Analog Devices

Part # ADXL203CE
Download  ADXL203CE Click to download

File Size   618.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer

ADXL203CE Datasheet (HTML) - Analog Devices


ADXL203CE Product details

GENERAL DESCRIPTION

The ADXL103/ADXL203 are high precision, low power, complete single- and dual-axis accelerometers with signal conditioned voltage outputs, all on a single, monolithic IC. The ADXL103/ADXL203 measure acceleration with a full-scale range of ±1.7 g, ±5 g, or ±18 g. The ADXL103/ADXL203 can measure both dynamic acceleration (for example, vibration) and static acceleration (for example, gravity).



FEATURES

High performance, single-/dual-axis accelerometer on a single IC chip

5 mm × 5 mm × 2 mm LCC package

1 mg resolution at 60 Hz

Low power: 700 μA at VS = 5 V (typical)

High zero g bias stability

High sensitivity accuracy

−40°C to +125°C temperature range

X and Y axes aligned to within 0.1° (typical)

Bandwidth adjustment with a single capacitor

Single-supply operation

3500 g shock survival

RoHS compliant

Compatible with Sn/Pb- and Pb-free solder processes

Qualified for automotive applications



APPLICATIONS

  Vehicle dynamic controls

  Electronic chassis controls

  Platform stabilization/leveling

  Navigation

  Alarms and motion detectors

  High accuracy, 2-axis tilt sensing

  Vibration monitoring and compensation

  Abuse event detection



 




Similar Part No. - ADXL203CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL203CE-REEL1 AD-ADXL203CE-REEL1 Datasheet
438Kb / 12P
Precision 짹1.7 g Single/Dual Axis Accelerometer
4/04-Revision 0
ADXL203CE1 AD-ADXL203CE1 Datasheet
438Kb / 12P
Precision 짹1.7 g Single/Dual Axis Accelerometer
4/04-Revision 0
More results


Similar Description - ADXL203CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
Precision 짹1.7 g Single/Dual Axis Accelerometer
4/04-Revision 0
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
Dual Axis Accelerometer
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
AD22301 AD-AD22301 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
Rev.0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
REV. A
logo
CRYSTEK CORPORATION
CCESMA-MM-SS402-12 CRYSTEKMICROWAVE-CCESMA-MM-SS402-12 Datasheet
935Kb / 1P
SS402 50 Ohm 18G Hz Precision Coaxial Cables
logo
Suzhou Maswell Communic...
AN_MASTER_003 MASWELL-AN_MASTER_003 Datasheet
430Kb / 3P
5G Antenna
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com