Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM202JRNZ Datasheet (PDF) - Analog Devices

ADM202JRNZ Datasheet PDF - Analog Devices
Part # ADM202JRNZ
Download  ADM202JRNZ Download
File Size   127.24 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers

ADM202JRNZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM202JRNZ Datasheet PDF - Analog Devices

Part # ADM202JRNZ
Download  ADM202JRNZ Click to download

File Size   127.24 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers

ADM202JRNZ Datasheet (HTML) - Analog Devices


ADM202JRNZ Product details

GENERAL DESCRIPTION
The ADM202 is a 2-channel RS-232 line driver/receiver pair designed to operate from a single 5 V power supply. A highly efficient on-chip charge pump design permits RS-232 levels to be developed using charge pump capacitors as small as 0.1 µF. This converter generates ±10 V RS-232 output levels.
The ADM202 meets or exceeds the TIA/EIA-232-E and V.28 specifications. Fast driver slew rates permit 120 kB operation, and high drive currents allow extended cable lengths.
An epitaxial BiCMOS construction minimizes power consumption to 10 mW and guards against latch-up. Overvoltage protection is provided, allowing the receiver inputs to withstand continuous voltages in excess of ±30 V. In addition, all pins contain ESD protection to levels greater than 2 kV.
The ADM202 is available in a 16-lead PDIP and both narrow and wide 16-lead SOIC packages.

FEATURES
  120 kB transmission rate
  Small (0.1 µF) charge pump capacitors
  Single 5 V power supply
  Meets TIA/EIA-232-E and V.28 specifications
  2 drivers and 2 receivers
  On-board dc-to-dc converters
  ±9 V output swing with 5 V supply
  Low power BiCMOS: 2.5 mA ICC
  ±30 V receiver input levels
 
APPLICATIONS
  Computers
  Peripherals
  Modems
  Printers
  Instruments




Similar Part No. - ADM202JRNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202JRNZ AD-ADM202JRNZ Datasheet
255Kb / 10P
High Speed, 5 V, 0.1 μF CMOS RS-232 Driver/Receiver
Rev. B
ADM202JRNZ-REEL AD-ADM202JRNZ-REEL Datasheet
255Kb / 10P
High Speed, 5 V, 0.1 μF CMOS RS-232 Driver/Receiver
Rev. B
ADM202JRNZ-REEL7 AD-ADM202JRNZ-REEL7 Datasheet
255Kb / 10P
High Speed, 5 V, 0.1 μF CMOS RS-232 Driver/Receiver
Rev. B
More results


Similar Description - ADM202JRNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202 AD-ADM202 Datasheet
305Kb / 6P
High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV.0
ADM222 AD-ADM222 Datasheet
332Kb / 9P
High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
REV.0
ADM232AARWZ AD-ADM232AARWZ Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 關F CMOS RS-232 Drivers/Receivers
REV. B
ADM222 AD-ADM222_01 Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM202JNZ AD-ADM202JNZ Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM211ARZ AD-ADM211ARZ Datasheet
254Kb / 16P
0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM202JRWZ AD-ADM202JRWZ Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202JRWZ AD-ADM202JRWZ Datasheet
120Kb / 6P
High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. A
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM222 AD-ADM222_V01 Datasheet
207Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com