Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4667ARZ Datasheet (PDF) - Analog Devices

ADN4667ARZ Datasheet PDF - Analog Devices
Part # ADN4667ARZ
Download  ADN4667ARZ Download
File Size   305.02 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V LVDS Quad CMOS Differential Line Driver

ADN4667ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4667ARZ Datasheet PDF - Analog Devices

Part # ADN4667ARZ
Download  ADN4667ARZ Click to download

File Size   305.02 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V LVDS Quad CMOS Differential Line Driver

ADN4667ARZ Datasheet (HTML) - Analog Devices


ADN4667ARZ Product details

GENERAL DESCRIPTION
The ADN4667 is a quad, CMOS, low voltage differential signaling (LVDS) line driver offering data rates of over 400 Mbps (200 MHz) and ultralow power consumption. It features a flow through pinout for easy PCB layout and separation of input and output signals.
   
FEATURES
    ±15 kV ESD protection on output pins
    400 Mbps (200 MHz) switching rates
    Flow through pinout simplifies PCB layout
    300 ps typical differential skew
    400 ps maximum differential skew
    1.7 ns maximum propagation delay
    3.3 V power supply
    ±310 mV differential signaling
    Low power dissipation (10 mW typical)
    Interoperable with existing 5 V LVDS receivers
    High impedance on LVDS outputs on power-down
    Conforms to TIA/EIA-644 LVDS standards
    Industrial operating temperature range: −40°C to +85°C
    Available in surface-mount (SOIC) and low profile
        TSSOP package
    Qualified for automotive applications
   
APPLICATIONS
    Backplane data transmission
    Cable data transmission
    Clock distribution
   




Similar Part No. - ADN4667ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4667ARZ AD-ADN4667ARZ Datasheet
305Kb / 16P
3 V LVDS Quad CMOS Differential Line Driver
Rev. B
ADN4667ARZ-REEL7 AD-ADN4667ARZ-REEL7 Datasheet
305Kb / 16P
3 V LVDS Quad CMOS Differential Line Driver
Rev. B
More results


Similar Description - ADN4667ARZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4667 AD-ADN4667 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Driver
REV. 0
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4665 AD-ADN4665 Datasheet
254Kb / 12P
3 V, LVDS, Quad, CMOS Differential Line Driver
REV. 0
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. A
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
DS90LV047A TI1-DS90LV047A_16 Datasheet
1Mb / 25P
3-V LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4667 AD-ADN4667_V01 Datasheet
305Kb / 16P
3 V LVDS Quad CMOS Differential Line Driver
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com