Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7316ARQ Datasheet (PDF) - Analog Devices

ADT7316ARQ Datasheet PDF - Analog Devices
Part # ADT7316ARQ
Download  ADT7316ARQ Download
File Size   3873.8 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Accurate Digital Temperature Sensor

ADT7316ARQ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7316ARQ Datasheet PDF - Analog Devices

Part # ADT7316ARQ
Download  ADT7316ARQ Click to download

File Size   3873.8 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Accurate Digital Temperature Sensor

ADT7316ARQ Datasheet (HTML) - Analog Devices


ADT7316ARQ Product details

GENERAL DESCRIPTION
The ADT7316/ADT7317/ADT73181combine a 10-bit temperature-to-digital converter and a quad 12-/10-/8-bit DAC, respectively, in a 16-lead QSOP. This includes a band gap temperature sensor and a 10-bit ADC to monitor and digitize the temperature reading to a resolution of 0.25°C. The ADT7316/ ADT7317/ADT7318 operate from a single 2.7 V to 5.5 V supply. The output voltage of the DAC ranges from 0 V to 2 VREF, with an output voltage settling time of 7 μs typically.

FEATURES
    ADT7316—four 12-bit DACs
    ADT7317—four 10-bit DACs
    ADT7318—four 8-bit DACs
    Buffered voltage output
    Guaranteed monotonic by design over all codes
    10-bit temperature-to-digital converter
    Temperature range: −40°C to +120°C
    Temperature sensor accuracy of ±0.5°C
    Supply range: 2.7 V to 5.5 V
    DAC output range: 0 V to 2 VREF
    Power-down current : <10 μA
    Internal 2.28 VREF option
    Double-buffered input logic
    Buffered/unbuffered reference input option
    Power-on reset to 0 V
    Simultaneous update of outputs (LDAC function)
    On-chip rail-to-rail output buffer amplifier
    I2C®-, SMBus-, SPI®-, QSPI™-, MICROWIRE™-, and DSP-compatible 4-wire serial interface
    SMBus packet error checking (PEC) compatible
    16-lead QSOP

APPLICATIONS
    Portable battery-powered instruments
    Personal computers
    Telecommunications systems
    Electronic test equipment
    Domestic appliances
    Process control




Similar Part No. - ADT7316ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7316ARQ AD-ADT7316ARQ Datasheet
340Kb / 32P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
More results


Similar Description - ADT7316ARQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Analog Devices
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
-0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com