Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660ACBA Datasheet (PDF) - Intersil Corporation

ICL7660ACBA Datasheet PDF - Intersil Corporation
Part # ICL7660ACBA
Download  ICL7660ACBA Download
File Size   280.91 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Voltage Converters

ICL7660ACBA Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7660ACBA Datasheet PDF - Intersil Corporation

Part # ICL7660ACBA
Download  ICL7660ACBA Click to download

File Size   280.91 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Voltage Converters

ICL7660ACBA Datasheet (HTML) - Intersil Corporation


ICL7660ACBA Product details

Super Voltage Converters

The ICL7660S and ICL7660A Super Voltage Converters are monolithic CMOS voltage conversion ICs that guarantee significant performance advantages over other similar devices. They are direct replacements for the industry standard ICL7660 offering an extended operating supply voltage range up to 12V, with lower supply current. A Frequency Boost pin has been incorporated to enable the user to achieve lower output impedance despite using smaller capacitors. All improvements are highlighted in the “Electrical Specifications” section on page 3. Critical parameters are guaranteed over the entire commercial and industrial temperature ranges.

Features
• Guaranteed Lower Max Supply Current for All Temperature Ranges
• Wide Operating Voltage Range: 1.5V to 12V
• 100% Tested at 3V
• Boost Pin (Pin 1) for Higher Switching Frequency
• Guaranteed Minimum Power Efficiency of 96%
• Improved Minimum Open Circuit Voltage Conversion Efficiency of 99%
• Improved SCR Latchup Protection
• Simple Conversion of +5V Logic Supply to ±5V Supplies
• Simple Voltage Multiplication VOUT = (-)nVIN
• Easy to Use; Requires Only Two External Non-Critical Passive Components
• Improved Direct Replacement for Industry Standard ICL7660 and Other Second Source Devices
• Pb-Free Available (RoHS Compliant)

Applications
• Simple Conversion of +5V to ±5V Supplies
• Voltage Multiplication VOUT = ±nVIN
• Negative Supplies for Data Acquisition Systems and Instrumentation
• RS232 Power Supplies
• Supply Splitter, VOUT = ±VS




Similar Part No. - ICL7660ACBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660ACBA INTERSIL-ICL7660ACBA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660ACBA INTERSIL-ICL7660ACBA Datasheet
370Kb / 13P
Guaranteed Lower Max Supply Current for All Temperature Ranges
January 23, 2013
ICL7660ACBA INTERSIL-ICL7660ACBA Datasheet
280Kb / 11P
Simple Conversion of 5V Logic Supply to 짹5V Supplies
October 10, 2005
ICL7660ACBA INTERSIL-ICL7660ACBA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660ACBA INTERSIL-ICL7660ACBA Datasheet
279Kb / 12P
Simple Conversion of 5V Logic Supply to 짹5V Supplies
October 10, 2005
More results


Similar Description - ICL7660ACBA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7662 MAXIM-ICL7662 Datasheet
330Kb / 8P
CMOS Voltage Converters
19-1292; Rev 2; 7/96
logo
Intersil Corporation
ICL7660 INTERSIL-ICL7660 Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660ACBAZA INTERSIL-ICL7660ACBAZA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
logo
Maxim Integrated Produc...
SI7661CSA MAXIM-SI7661CSA Datasheet
969Kb / 8P
CMOS Voltage Converters
Rev 2; 7/96
logo
Analog Devices
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
277Kb / 11P
CMOS Voltage Converters
October 10, 2005
logo
Tiger Electronic Co.,Lt...
ICL7660 TGS-ICL7660 Datasheet
200Kb / 10P
CMOS Voltage Converters
logo
Renesas Technology Corp
ICL7660 RENESAS-ICL7660 Datasheet
514Kb / 11P
CMOS Voltage Converters
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com