Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4755AP Datasheet (PDF) - Microsemi Corporation

1N4755AP Datasheet PDF - Microsemi Corporation
Part # 1N4755AP
Download  1N4755AP Download
File Size   175.58 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon 1 Watt Zener Diodes

1N4755AP Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4755AP Datasheet PDF - Microsemi Corporation

Part # 1N4755AP
Download  1N4755AP Click to download

File Size   175.58 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon 1 Watt Zener Diodes

1N4755AP Datasheet (HTML) - Microsemi Corporation


1N4755AP Product details

DESCRIPTION
The popular 1N4728AP thru 1N4764AP series of 1.0 watt Zeners provides voltage regulation in a selection from 3.3 to 100 volts in 5% tolerances with other tighter tolerances also available as identified by different suffix letters in the part number. These plastic encapsulated Zeners are moisture classified as Level 1 with no dry pack required. They are also available in various military screening levels by adding a prefix identifier as described in the Features below. These plastic molded Zeners with a P suffix provide a lower thermal resistance compared to the glass-body (G suffix) option for these same JEDEC part numbers. Both package options are available by Microsemi in RoHS Compliant devices with an “e3” suffix. Microsemi also offers numerous other Zener products to meet higher and lower power and test current applications.

FEATURES
• JEDEC registered 1N4728A to 1N4764A
• Extensive voltage selection from 3.3 to 100 V
• Options for screening in accordance with MIL-PRF-19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers.
• Surface mount equivalents available as SMAJ4728A to SMAJ4764A and MLL4728A to MLL4764A (consult factory for others)
• RoHS Compliant devices available by adding “e3” suffix

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Standard voltage tolerances are plus/minus 5% with A suffix and 10 % with no suffix identification
• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Moisture classification is Level 1 per IPC/JEDEC J STD-020B with no dry pack required




Similar Part No. - 1N4755AP

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
1N4755AP CHENG-YI-1N4755AP Datasheet
490Kb / 3P
1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE
logo
Micro Commercial Compon...
1N4755AP MCC-1N4755AP Datasheet
542Kb / 4P
1.0 Watt Zener Diode 6.8 to 100 Volts
More results


Similar Description - 1N4755AP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4728 MCC-SMAJ4728 Datasheet
387Kb / 3P
Silicon 1 Watt Zener Diodes
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
101Kb / 2P
Silicon 1 WATT Zener Diodes
1N3821 MICROSEMI-1N3821 Datasheet
288Kb / 3P
SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
88Kb / 2P
SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
SILICON 1 WATT ZENER DIODES
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
SILICON 1 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3017B NJSEMI-1N3017B Datasheet
230Kb / 2P
SILICON 1 WATT ZENER DIODES
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
1N4744APTR8 MICROSEMI-1N4744APTR8 Datasheet
175Kb / 3P
Silicon 1 Watt Zener Diodes
1N4728AG MICROSEMI-1N4728AG Datasheet
178Kb / 3P
Silicon 1 Watt Zener Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com