Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5336 Datasheet (PDF) - Renesas Technology Corp

2SC5336 Datasheet PDF - Renesas Technology Corp
Part # 2SC5336
Download  2SC5336 Download
File Size   180.36 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER

2SC5336 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5336 Datasheet PDF - Renesas Technology Corp

Part # 2SC5336
Download  2SC5336 Click to download

File Size   180.36 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER

2SC5336 Datasheet (HTML) - Renesas Technology Corp


2SC5336 Product details

NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD

FEATURES
• High gain: |S21e|2 = 12 dB TYP. @ VCE = 10 V, IC = 20 mA, f = 1 GHz
• 4-pin power minimold package with improved gain from the 2SC3357




Similar Part No. - 2SC5336

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336-A RENESAS-2SC5336-A Datasheet
137Kb / 2P
RF & Microwave device
2SC5336 RENESAS-2SC5336_15 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
More results


Similar Description - 2SC5336

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
NE856M02 CEL-NE856M02 Datasheet
206Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5337 CEL-2SC5337 Datasheet
877Kb / 6P
NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5337 RENESAS-2SC5337_15 Datasheet
99Kb / 7P
NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
2SC5336 RENESAS-2SC5336_15 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com