Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH618A Datasheet (PDF) - Vishay Siliconix

SFH618A Datasheet PDF - Vishay Siliconix
Part # SFH618A
Download  SFH618A Download
File Size   149.95 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Low Input Current

SFH618A Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH618A Datasheet PDF - Vishay Siliconix

Part # SFH618A
Download  SFH618A Click to download

File Size   149.95 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Low Input Current

SFH618A Datasheet (HTML) - Vishay Siliconix


SFH618A Product details

DESCRIPTION
The SFH618A (DIP) and SFH6186 (SMD) feature a high current transfer ratio, low coupling capacitance and high isolation voltage. These couplers have a GaAs infrared diode emitter, which is optically coupled to silicon planar phototransistor detector, and is incorporated in a plastic DIP-4 or SMD package.

FEATURES
• Good CTR linearity depending on forward current
• Low CTR degradation
• High collector emitter voltage, VCEO = 55 V
• Isolation test voltage, 5300 VRMS
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode transient immunity
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Telecom
• Industrial controls
• Battery powered equipment
• Office machines




Similar Part No. - SFH618A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
17-August-01
SFH618A VISHAY-SFH618A Datasheet
146Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current
25-Jan-08
SFH618A VISHAY-SFH618A Datasheet
235Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current
20-Apr-04
SFH618A VISHAY-SFH618A Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
SFH618A VISHAY-SFH618A Datasheet
241Kb / 10P
Optocoupler, Phototransistor Output, Low Input Current
21-Apr-2022
More results


Similar Description - SFH618A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current
20-Apr-04
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
Optocoupler, Low Input Current, Phototransistor Output
18-Feb-13
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current
31-Aug-15
SFH6186 VISHAY-SFH6186_V01 Datasheet
241Kb / 10P
Optocoupler, Phototransistor Output, Low Input Current
21-Apr-2022
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
Optocoupler, Low Input Current, Phototransistor Output
18-Feb-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
Optocoupler, Phototransistor Output, Low Input Current
21-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com