Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR193 Datasheet (PDF) - Infineon Technologies AG

BFR193 Datasheet PDF - Infineon Technologies AG
Part # BFR193
Download  BFR193 Download
File Size   514.48 Kbytes
Page   6 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Bipolar RF Transistor

BFR193 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR193 Datasheet PDF - Infineon Technologies AG

Part # BFR193
Download  BFR193 Click to download

File Size   514.48 Kbytes
Page   6 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Bipolar RF Transistor

BFR193 Datasheet (HTML) - Infineon Technologies AG


BFR193 Product details

NPN Bipolar RF Transistor

• For low noise, high-gain amplifiers up to 2 GHz
• For linear broadband amplifiers
• fT = 8 GHz, NFmin = 1 dB at 900 MHz
• Pb-free (RoHS compliant) package
• Qualification report according to AEC-Q101 available




Similar Part No. - BFR193

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
logo
Infineon Technologies A...
BFR193 INFINEON-BFR193 Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFR193 INFINEON-BFR193 Datasheet
78Kb / 7P
NPN Silicon RF Transistor
2007-03-30
BFR193 INFINEON-BFR193 Datasheet
632Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F Datasheet
54Kb / 6P
NPN Silicon RF Transistor
2007-03-30
More results


Similar Description - BFR193

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1893 MICROSEMI-2N1893 Datasheet
64Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3501 MICROSEMI-2N3501 Datasheet
511Kb / 2P
NPN BIPOLAR TRANSISTOR
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
ON Semiconductor
BUD43D2 ONSEMI-BUD43D2 Datasheet
145Kb / 12P
Bipolar NPN Transistor
June, 2002 ??Rev. 2
logo
Seme LAB
2N3767SMD05 SEME-LAB-2N3767SMD05 Datasheet
21Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
Infineon Technologies A...
BF776-H6327 INFINEON-BF776-H6327 Datasheet
510Kb / 6P
High Performance NPN Bipolar RF Transistor
2010-04-06
BF776E6327XT INFINEON-BF776E6327XT Datasheet
510Kb / 6P
High Performance NPN Bipolar RF Transistor
2010-04-06
BF888 INFINEON-BF888 Datasheet
508Kb / 5P
High Performance Bipolar NPN RF Transistor
2010-04-06
logo
eleflow technologies co...
MRF410 ELEFLOW-MRF410 Datasheet
92Kb / 1P
NPN Bipolar RF power transistor
logo
Infineon Technologies A...
BFR740EL3 INFINEON-BFR740EL3 Datasheet
553Kb / 22P
C NPN RF bipolar transistor
v1.0 2018-09-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com