Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T143 Datasheet (PDF) - STMicroelectronics

STM8T143 Datasheet PDF - STMicroelectronics
Part # STM8T143
Download  STM8T143 Download
File Size   1158.89 Kbytes
Page   65 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single-channel capacitive sensor for touch and proximity detection

STM8T143 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8T143 Datasheet PDF - STMicroelectronics

Part # STM8T143
Download  STM8T143 Click to download

File Size   1158.89 Kbytes
Page   65 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single-channel capacitive sensor for touch and proximity detection

STM8T143 Datasheet (HTML) - STMicroelectronics


STM8T143 Product details

Features
■ Touch and short range proximity detection
■ Internal sampling capacitor
■ On-chip integrated voltage regulator
■ Automatic electrode tuning (AET)
■ Electrode parasitic capacitance compensation (EPCC)
■ Dynamic calibration (DYCAL™)
■ Environment control system (ECS)
■ User programmable options include:
■ Configurable output modes
■ Configurable sensitivity levels
■ Data streaming mode
■ Low power management
■ Operating supply voltage: 3 V to 5.5 V
■ Supported interface: – Individual key state output – Single wire data interface
■ Operating temperature: -40 to +85 °C
■ ECOPACK® 8-pin SO and 8-pin UFDFPN

Applications
■ Ear-face proximity detection for smart phone devices
■ Companion device for navigation joystick/optical track pad
■ User hand detection for Nomad equipment (tablet PC)
■ Ear-head detection for MP3/walkman ear buds and Bluetooth headsets
■ On/off touch sensing button such as GPS system home button
■ User hands detection for mouse/keyboards
■ Wall switch backlight activation on user approach and light controls on user touch UFDFPN8 (2 x 3 mm) SO8 (narrow)




Similar Part No. - STM8T143

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8T143-EVAL STMICROELECTRONICS-STM8T143-EVAL Datasheet
141Kb / 3P
STM8T143-EVAL evaluation board
25-May-2012
More results


Similar Description - STM8T143

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
logo
Microchip Technology
CAP1298 MICROCHIP-CAP1298 Datasheet
849Kb / 68P
8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
07/14/15
logo
List of Unclassifed Man...
IQS211 ETC2-IQS211 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity/Touch Controller with movement detection
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
STMicroelectronics
STM8T141 STMICROELECTRONICS-STM8T141 Datasheet
1Mb / 50P
Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
June 2011 Rev 7
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com