Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050X4 Datasheet (PDF) - STMicroelectronics

STM32F050X4 Datasheet PDF - STMicroelectronics
Part # STM32F050X4
Download  STM32F050X4 Download
File Size   1108.13 Kbytes
Page   97 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces

STM32F050X4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F050X4 Datasheet PDF - STMicroelectronics

Part # STM32F050X4
Download  STM32F050X4 Click to download

File Size   1108.13 Kbytes
Page   97 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces

STM32F050X4 Datasheet (HTML) - STMicroelectronics


STM32F050X4 Product details

Description
The STM32F050xx family incorporates the high-performance ARM Cortex™-M0 32-bit RISC core operating at a 48 MHz maximum frequency, high-speed embedded memories (Flash memory up to 32 Kbytes and SRAM up to 4 Kbytes), and an extensive range of enhanced peripherals and I/Os. All devices offer standard communication interfaces (one I2C, one SPI, one I2S, and one USART), one 12-bit ADC, up to five general-purpose 16-bit timers, a 32-bit timer and an advanced-control PWM timer.

Features
■ Core: ARM 32-bit Cortex™-M0 CPU,
   frequency up to 48 MHz
■ Memories
   – 16 to 32 Kbytes of Flash memory
   – 4 Kbytes of SRAM with HW parity checking
■ CRC calculation unit
■ Reset and supply management
   – Voltage range: 2.0 V to 3.6 V
   – Power-on/Power-down reset (POR/PDR)
   – Programmable voltage detector (PVD)
   – Low power modes: Sleep, Stop and
      Standby
   – VBAT supply for RTC and backup registers
■ Clock management
   – 4 to 32 MHz crystal oscillator
   – 32 kHz oscillator for RTC with calibration
   – Internal 8 MHz RC with x6 PLL option
   – Internal 40 kHz RC oscillator
■ Up to 39 fast I/Os
   – All mappable on external interrupt vectors
   – Up to 25 I/Os with 5 V tolerant capability
■ 5-channel DMA controller
■ 1 × 12-bit, 1.0 µs ADC (up to 10 channels)
   – Conversion range: 0 to 3.6V
   – Separate analog supply from 2.4 up to
      3.6 V
■ Up to 9 timers
   – 1 x 16-bit 7-channel advanced-control timer
      for 6 channels PWM output, with deadtime
      generation and emergency stop
   – 1 x 32-bit and 1 x 16-bit timer, with up to 4
      IC/OC, usable for IR control decoding
   – 1 x 16-bit timer, with 2 IC/OC, 1 OCN,
      deadtime generation and emergency stop
   – 1 x 16-bit timer, with IC/OC and OCN,
      deadtime generation, emergency stop and
      modulator gate for IR control
   – 1 x 16-bit timer with 1 IC/OC
   – Independent and system watchdog timers
   – SysTick timer: 24-bit downcounter
■ Calendar RTC with alarm and periodic wakeup
   from Stop/Standby
■ Communication interfaces
   – 1 x I2C interface; supporting Fast Mode
      Plus (1 Mbit/s) with 20 mA current sink,
      SMBus/PMBus, and wakeup from STOP
   – 1 x USART supporting master synchronous
      SPI and modem control; one with ISO7816
      interface, LIN, IrDA capability auto baud
      rate detection and wakeup feature
   – 1 x SPI (18 Mbit/s) with 4 to 16
      programmable bit frames, with I2S interface
      multiplexed
■ Serial wire debug (SWD)
■ 96-bit unique ID
■ Extended temperature range: -40 to +105°C




Similar Part No. - STM32F050X4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F050C4 STMICROELECTRONICS-STM32F050C4 Datasheet
1Mb / 97P
Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F050C4T6A STMICROELECTRONICS-STM32F050C4T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM??based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F050C6 STMICROELECTRONICS-STM32F050C6 Datasheet
1Mb / 97P
Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F050C6T6A STMICROELECTRONICS-STM32F050C6T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F050F4 STMICROELECTRONICS-STM32F050F4 Datasheet
1Mb / 97P
Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
More results


Similar Description - STM32F050X4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU
23-Jul-2012
STM32F051C8T6 STMICROELECTRONICS-STM32F051C8T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051K6U6 STMICROELECTRONICS-STM32F051K6U6 Datasheet
440Kb / 40P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
14-Feb-2012
STM32F050C4T6A STMICROELECTRONICS-STM32F050C4T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM??based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F051K8U6 STMICROELECTRONICS-STM32F051K8U6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051C6T6 STMICROELECTRONICS-STM32F051C6T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F050C6T6A STMICROELECTRONICS-STM32F050C6T6A Datasheet
1Mb / 97P
Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
22-Nov-2012
STM32F051K4U6 STMICROELECTRONICS-STM32F051K4U6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F051R6T6 STMICROELECTRONICS-STM32F051R6T6 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
23-Jul-2012
STM32F031X4 STMICROELECTRONICS-STM32F031X4 Datasheet
1Mb / 106P
ARM-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
16-Dec-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com