Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128-DRMN6 Datasheet (PDF) - STMicroelectronics

M24128-DRMN6 Datasheet PDF - STMicroelectronics
Part # M24128-DRMN6
Download  M24128-DRMN6 Download
File Size   1265.48 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128-Kbit serial I²C bus EEPROM

M24128-DRMN6 Datasheet (PDF)

Go To PDF Page Download Datasheet
M24128-DRMN6 Datasheet PDF - STMicroelectronics

Part # M24128-DRMN6
Download  M24128-DRMN6 Click to download

File Size   1265.48 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128-Kbit serial I²C bus EEPROM

M24128-DRMN6 Datasheet (HTML) - STMicroelectronics


M24128-DRMN6 Product details

Description
The M24128 is a 128-Kbit I2C-compatible EEPROM (Electrically Erasable PROgrammable Memory) organized as 16 K × 8 bits.
The M24128-BW can operate with a supply voltage from 2.5 V to 5.5 V, the M24128-BR can operate with a supply voltage from 1.8 V to 5.5 V, and the M24128-BF and M24128-DF can operate with a supply voltage from 1.7 V to 5.5 V. All these devices operate with a clock frequency of 1 MHz (or less), over an ambient temperature range of –40 °C / +85 °C. The M24128-D offers an additional page, named the Identification Page (64 byte). The Identification Page can be used to store sensitive application parameters which can be (later) permanently locked in Read-only mode.

Features
• Compatible with all I2C bus modes:
   – 1 MHz
   – 400 kHz
   – 100 kHz
• Memory array:
   – 128 Kbit (16 Kbyte) of EEPROM
   – Page size: 64 byte
   – Additional Write lockable page (M24128-D order codes)
• Single supply voltage and high speed:
   – 1 MHz clock from 1.7 V to 5.5 V
• Write:
   – Byte Write within 5 ms
   – Page Write within 5 ms
• Operating temperature range:
   – from -40 °C up to +85 °C
• Random and sequential Read modes
• Write protect of the whole memory array
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-years data retention

Packages
• SO8 ECOPACK2®
• TSSOP8 ECOPACK2®
• UFDFPN8 ECOPACK2®
• WLCSP ECOPACK2®
• UFDFPN5 ECOPACK2®
• Unsawn wafer (each die is tested)




Similar Part No. - M24128-DRMN6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128-DRMN8TG STMICROELECTRONICS-M24128-DRMN8TG Datasheet
1Mb / 41P
128-Kbit serial I²C bus EEPROM - 105°C operation
January 2015 Rev 1
M24128-DRMN8TP STMICROELECTRONICS-M24128-DRMN8TP Datasheet
1Mb / 41P
128-Kbit serial I²C bus EEPROM - 105°C operation
January 2015 Rev 1
M24128-DRMN9TG STMICROELECTRONICS-M24128-DRMN9TG Datasheet
606Kb / 40P
Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
16-Dec-2014
M24128-DRMN9TP STMICROELECTRONICS-M24128-DRMN9TP Datasheet
606Kb / 40P
Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
16-Dec-2014
More results


Similar Description - M24128-DRMN6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
18-Dec-2007
M24128 STMICROELECTRONICS-M24128_08 Datasheet
350Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
16-Sep-2008
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
128-Kbit serial I²C bus EEPROM
20-Jul-2012
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24128-125 STMICROELECTRONICS-M24128-125 Datasheet
290Kb / 29P
Automotive 128-Kbit serial IC bus EEPROM
March 2012 Rev 1
M24128-DRE STMICROELECTRONICS-M24128-DRE Datasheet
1Mb / 41P
128-Kbit serial I²C bus EEPROM - 105°C operation
January 2015 Rev 1
M95128-DRE STMICROELECTRONICS-M95128-DRE Datasheet
748Kb / 41P
128-Kbit serial SPI bus EEPROM - 105 C Operation
10-Feb-2015
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24C64P-FCU STMICROELECTRONICS-M24C64P-FCU Datasheet
631Kb / 36P
64-Kbit serial I²C bus EEPROM 4 balls CSP
10-Apr-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com