Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA810T Datasheet (PDF) - Renesas Technology Corp

UPA810T Datasheet PDF - Renesas Technology Corp
Part # UPA810T
Download  UPA810T Download
File Size   223.98 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR

UPA810T Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA810T Datasheet PDF - Renesas Technology Corp

Part # UPA810T
Download  UPA810T Click to download

File Size   223.98 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR

UPA810T Datasheet (HTML) - Renesas Technology Corp


UPA810T Product details

The µPA810T has built-in 2 low-voltage transistors which are designed to amplify low noise in the VHF band to the UHF band.

FEATURES
• Low Noise
  NF = 1.2 dB TYP. @ f = 1 GHz, VCE= 3 V, IC= 7 mA
• High Gain
  |S21e|2= 9.0 dB TYP. @ f = 1 GHz, VCE= 3 V, IC= 7 mA
• A Small Mini Mold Package Adopted
• Built-in 2 Transistors (2 ×2SC4226)




Similar Part No. - UPA810T

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA810T CEL-UPA810T Datasheet
486Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA810T-A CEL-UPA810T-A Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA810T-A CEL-UPA810T-A Datasheet
486Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA810T-T1 CEL-UPA810T-T1 Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Similar Description - UPA810T

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3355 NEC-2SC3355 Datasheet
102Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
Renesas Technology Corp
2SC5593 RENESAS-2SC5593 Datasheet
176Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
Sanyo Semicon Device
MCH4021 SANYO-MCH4021 Datasheet
276Kb / 9P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
MCH4020 SANYO-MCH4020_12 Datasheet
470Kb / 11P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA802T RENESAS-UPA802T Datasheet
216Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA811T RENESAS-UPA811T Datasheet
219Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com