Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4291E Datasheet (PDF) - Infineon Technologies AG

TLE4291E Datasheet PDF - Infineon Technologies AG
Part # TLE4291E
Download  TLE4291E Download
File Size   1625.02 Kbytes
Page   28 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Drop Out Linear Voltage Regulator

TLE4291E Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4291E Datasheet PDF - Infineon Technologies AG

Part # TLE4291E
Download  TLE4291E Click to download

File Size   1625.02 Kbytes
Page   28 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Drop Out Linear Voltage Regulator

TLE4291E Datasheet (HTML) - Infineon Technologies AG


TLE4291E Product details

5 V Fixed Output Voltage



Description

The TLE4291 is a monolithic integrated low-dropout voltage regulator in a PG-SSOP-14 EP exposed pad package, especially designed for automotive applications. An input voltage up to 42 V is regulated to an output voltage of 5.0 V. The component is able to drive loads up to 450 mA. It is short-circuit protected by the implemented current limitation and has an integrated overtemperature shutdown. The integrated reset and watchdog function makes it suitable for supplying microprocessor systems in automotive environments. The watchdog and the power-on reset delay timing can be programmed by the external delay capacitor.



Features

• Output Voltage 5 V ± 2%

• Output Current up to 450 mA

• Very low Current Consumption

• Power-on and Undervoltage Reset with Programmable Delay Time

• Integrated Standard Watchdog

• Reset Low Down to VQ = 1 V

• Very Low Dropout Voltage

• Output Current Limitation

• Reverse Polarity Protection

• Overtemperature Protection

• Suitable for Use in Automotive Electronics

• Wide Temperature Range from -40 °C up to 150 °C

• Input Voltage Range from -42 V to 45 V

• Green Product (RoHS compliant)

• AEC Qualified



 




Similar Part No. - TLE4291E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4290 INFINEON-TLE4290 Datasheet
210Kb / 18P
5-V Low-Drop Voltage Regulator
Rev. 1.4 2001-10-18
TLE4290 INFINEON-TLE4290 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4290D INFINEON-TLE4290D Datasheet
210Kb / 18P
5-V Low-Drop Voltage Regulator
Rev. 1.4 2001-10-18
TLE4290D INFINEON-TLE4290D Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4290G INFINEON-TLE4290G Datasheet
210Kb / 18P
5-V Low-Drop Voltage Regulator
Rev. 1.4 2001-10-18
More results


Similar Description - TLE4291E

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
300mA CMOS Low Drop Out Linear Regulator
logo
Infineon Technologies A...
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com