Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440LQ68-R Datasheet (PDF) - Vishay Siliconix

440LQ68-R Datasheet PDF - Vishay Siliconix
Part # 440LQ68-R
Download  440LQ68-R Download
File Size   162.33 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC

440LQ68-R Datasheet (PDF)

Go To PDF Page Download Datasheet
440LQ68-R Datasheet PDF - Vishay Siliconix

Part # 440LQ68-R
Download  440LQ68-R Click to download

File Size   162.33 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC

440LQ68-R Datasheet (HTML) - Vishay Siliconix


440LQ68-R Product details



DESIGN

The capacitors consist of a ceramic disc of which both sides are silver-plated. Connection leads are made of tinned copper having a diameter of 0.032" (0.81 mm). The capacitors may be supplied with radial kinked or straight leads having a lead spacing of 0.375" (9.5 mm). The standard tolerances are ± 10 % or ± 20 %. Coating is made of flame retardant epoxy resin in accordance with “UL 94 V-0”.



FEATURES

• Worldwide Safety Agency Recognition Underwriters Laboratories - UL 1414 and UL 1283

  Canadian Standards Association - CSA 22.2 European EN132400 to IEC 60384-14 Second Edition

• Complete range of capacitance values

• Radial leads

• Compliant to RoHS directive 2002/95/EC



APPLICATIONS

• Required in AC power supply and filter applications

• Specific industry requirements

 




Similar Part No. - 440LQ68-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
440LQ68-R VISHAY-440LQ68-R Datasheet
207Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
29-Oct-2021
More results


Similar Description - 440LQ68-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
03-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
03-Apr-13
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
25-Jun-13
VY1152M41Y5UQ63V0 VISHAY-VY1152M41Y5UQ63V0 Datasheet
452Kb / 6P
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
12-Apr-10
VY1101K31Y5SQ63V0 VISHAY-VY1101K31Y5SQ63V0 Datasheet
452Kb / 6P
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
12-Apr-10
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
19-Apr-2021
VKP VISHAY-VKP Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
WKP332MCPEJ0KR VISHAY-WKP332MCPEJ0KR Datasheet
144Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com