Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB735 Datasheet (PDF) - Vishay Siliconix

MBRB735 Datasheet PDF - Vishay Siliconix
Part # MBRB735
Download  MBRB735 Download
File Size   146.06 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 7.5 A

MBRB735 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB735 Datasheet PDF - Vishay Siliconix

Part # MBRB735
Download  MBRB735 Click to download

File Size   146.06 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 7.5 A

MBRB735 Datasheet (HTML) - Vishay Siliconix


MBRB735 Product details

DESCRIPTION
The VS-MBRB7... Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 °C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection.

FEATURES
• 150 °C TJ operation
• High frequency operation
• Low forward voltage drop
• High purity, high temperature epoxy
   encapsulation for enhanced mechanical
   strength and moisture resistance
• Guard ring for enhanced ruggedness and long
   term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
   260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified




Similar Part No. - MBRB735

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB735 GE-MBRB735 Datasheet
90Kb / 2P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB735 VISHAY-MBRB735 Datasheet
64Kb / 3P
Schottky Barrier Rectifier
03-Mar-03
logo
International Rectifier
MBRB735 IRF-MBRB735 Datasheet
203Kb / 7P
SCHOTTKY RECTIFIER 7.5 Amp
logo
Vishay Siliconix
MBRB735 VISHAY-MBRB735 Datasheet
493Kb / 5P
Schottky Barrier Rectifier
08-Nov-07
MBRB735 VISHAY-MBRB735 Datasheet
104Kb / 6P
Schottky Rectifier, 7.5 A
22-Aug-08
More results


Similar Description - MBRB735

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15CTQS VISHAY-15CTQS Datasheet
135Kb / 6P
Schottky Rectifier, 2 x 7.5 A
22-Aug-08
MBR745 VISHAY-MBR745 Datasheet
103Kb / 6P
Schottky Rectifier, 7.5 A
22-Aug-08
MBR745PBF VISHAY-MBR745PBF Datasheet
445Kb / 6P
Schottky Rectifier, 7.5 A
20-Aug-08
MBRB735 VISHAY-MBRB735 Datasheet
104Kb / 6P
Schottky Rectifier, 7.5 A
22-Aug-08
MBRB735PBF VISHAY-MBRB735PBF Datasheet
101Kb / 6P
Schottky Rectifier, 7.5 A
20-Aug-08
MBRB735PBF VISHAY-MBRB735PBF_10 Datasheet
102Kb / 6P
Schottky Rectifier, 7.5 A
16-Mar-10
MBR735PBF VISHAY-MBR735PBF_12 Datasheet
153Kb / 7P
Schottky Rectifier, 7.5 A
30-Aug-11
logo
Nell Semiconductor Co.,...
MBR745 NELLSEMI-MBR745 Datasheet
245Kb / 5P
Schottky Rectifier, 7.5 A
logo
Vishay Siliconix
VS-MBR7PBF VISHAY-VS-MBR7PBF Datasheet
154Kb / 7P
Schottky Rectifier, 7.5 A
30-Aug-11
VS-MBR7PBF VISHAY-VS-MBR7PBF_V01 Datasheet
127Kb / 7P
Schottky Rectifier, 7.5 A
30-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com