Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1848MC Datasheet (PDF) - ON Semiconductor

LB1848MC Datasheet PDF - ON Semiconductor
Part # LB1848MC
Download  LB1848MC Download
File Size   137.81 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage/Low Saturation Voltage Type

LB1848MC Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1848MC Datasheet PDF - ON Semiconductor

Part # LB1848MC
Download  LB1848MC Click to download

File Size   137.81 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage/Low Saturation Voltage Type

LB1848MC Datasheet (HTML) - ON Semiconductor


LB1848MC Product details

Overview
The LB1848MC is 2-channel low-voltage, low saturation voltage type bidirectional motor driver IC that is optimal for use as 2-phase stepping motor drivers in printers, cameras and other portable equipment. The output circuits are of the bipolar type, with PNP transistors in the upper side and NPN transistors in the lower side, and they achieve low saturation output and low power characteristics despite being provided in a miniature package.

Functions
• Optimal for 2-phase excitation drive for 2-phase stepping motors
• Standby current: Zero
• Low saturation voltage. VO (sat) = 0.55V typical at IO = 400mA
• Thermal shutdown circuit
• Through-current prevention circuit
• No limitations on the magnitude relationship between the power supply voltage (VCC) and the input voltage (VIN)
• “Soft off” function that reduces power supply line noise when switching from drive to standby modes. (Requires the use of one external capacitor.)




Similar Part No. - LB1848MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1848MC ONSEMI-LB1848MC Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
More results


Similar Description - LB1848MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M Datasheet
104Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
Low Saturation Voltage
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
logo
IXYS Corporation
FII30-06D IXYS-FII30-06D Datasheet
395Kb / 5P
low saturation voltage
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
Low saturation voltage
logo
Inchange Semiconductor ...
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
Low Saturation Voltage
D44C4 ISC-D44C4 Datasheet
191Kb / 2P
Low Saturation Voltage
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
Low Saturation Voltage
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com