Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LB Datasheet (PDF) - ON Semiconductor

LM317LB Datasheet PDF - ON Semiconductor
Part # LM317LB
Download  LM317LB Download
File Size   188.37 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A Adjustable Output Positive Voltage Regulator

LM317LB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317LB Datasheet PDF - ON Semiconductor

Part # LM317LB
Download  LM317LB Click to download

File Size   188.37 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A Adjustable Output Positive Voltage Regulator

LM317LB Datasheet (HTML) - ON Semiconductor


LM317LB Product details

100 mA Adjustable Output, Positive Voltage Regulator
The LM317L is an adjustable 3-terminal positive voltage regulator capable of supplying in excess of 100 mA over an output voltage range of 1.2V to 37 V. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area compensation, making them essentially blow-out proof.
The LM317L serves a wide variety of applications including local, on card regulation. This device can also be used to make a programmable output regulator, or by connecting a fixed resistor between the adjustment and output, the LM317L can be used as a precision current regulator.

Features
• Output Current in Excess of 100 mA
• Output Adjustable Between 1.2 V and 37 V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe-Area Compensation
• Floating Operation for High Voltage Applications
• Standard 3-Lead Transistor Package
• Eliminates Stocking Many Fixed Voltages
• Pb-Free Packages are Available
• NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes




Similar Part No. - LM317LB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317LBD ONSEMI-LM317LBD Datasheet
184Kb / 12P
LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
LM317LBD ONSEMI-LM317LBD Datasheet
131Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317LBD ONSEMI-LM317LBD Datasheet
144Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317LBDG ONSEMI-LM317LBDG Datasheet
131Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317LBDG ONSEMI-LM317LBDG Datasheet
144Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
More results


Similar Description - LM317LB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
[ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com