Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP33A Datasheet (PDF) - ON Semiconductor

TIP33A Datasheet PDF - ON Semiconductor
Part # TIP33A
Download  TIP33A Download
File Size   109.97 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN High-Power Transistors Designed for general?뭦urpose power amplifier and switching

TIP33A Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP33A Datasheet PDF - ON Semiconductor

Part # TIP33A
Download  TIP33A Click to download

File Size   109.97 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN High-Power Transistors Designed for general?뭦urpose power amplifier and switching

TIP33A Datasheet (HTML) - ON Semiconductor


TIP33A Product details

Designed for general−purpose power amplifier and switching applications.

Features
• ESD Ratings:
   Machine Model, C; > 400 V
   Human Body Model, 3B; > 8000 V
• Epoxy Meets UL 94 V−0 @ 0.125 in
• These are Pb−Free Devices*




Similar Part No. - TIP33A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIP33A POINN-TIP33A Datasheet
91Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIP33A TI-TIP33A Datasheet
584Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP33A SAVANTIC-TIP33A Datasheet
137Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP33A ISC-TIP33A Datasheet
134Kb / 3P
Silicon NPN Power Transistors
logo
Continental Device Indi...
TIP33A CDIL-TIP33A Datasheet
337Kb / 4P
HIGH POWER TRANSISTORS
More results


Similar Description - TIP33A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE335 NTE-NTE335 Datasheet
59Kb / 2P
Silicon NPN RF Power Transistor Designed for power amplifier
logo
E-Tech Electronics LTD
G2N3904 ETL-G2N3904 Datasheet
131Kb / 2P
The G2N3904 is designed for general purpose switching and amplifier applications.
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
The G2N3906 is designed for general purpose switching and amplifier applications
G1270 ETL-G1270 Datasheet
171Kb / 2P
The G1270 is designed for general purpose switching and amplifier applications
G6718 ETL-G6718 Datasheet
162Kb / 2P
The G6718 is designed for general purpose medium power amplifier and switching applications
GPN2222A ETL-GPN2222A Datasheet
140Kb / 3P
The GPN2222A is designed for general purpose amplifier and high speed, medium-power switching applications.
GPN2907A ETL-GPN2907A Datasheet
230Kb / 2P
The GPN2907A is designed for general purpose amplifier and high speed, medium-power switching applications
GSA1625 ETL-GSA1625 Datasheet
416Kb / 2P
The GSA1625 is designed for general purpose amplifier and high speed switching applications.
logo
Rectron Semiconductor
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
Designed for general purpose power and switching
MJD45H11 RECTRON-MJD45H11 Datasheet
301Kb / 2P
Designed for general purpose power and switching
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com