Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB2 Datasheet (PDF) - Rohm

EMB2 Datasheet PDF - Rohm
Part # EMB2
Download  EMB2 Download
File Size   471.63 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)

EMB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMB2 Datasheet PDF - Rohm

Part # EMB2
Download  EMB2 Click to download

File Size   471.63 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)

EMB2 Datasheet (HTML) - Rohm




Similar Part No. - EMB2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB2 ROHM-EMB2 Datasheet
39Kb / 2P
General purpose(dual digital transistors)
EMB2 ROHM-EMB2 Datasheet
471Kb / 8P
PNP -100mA -50V Complex Digital Transistors
EMB2 ROHM-EMB2 Datasheet
1Mb / 11P
General purpose Dual digital transistor
logo
Schneider Electric
EMB2010 SCHNEIDER-EMB2010 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, Basic 100A
May 21, 2020
EMB2021 SCHNEIDER-EMB2021 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, Basic 200A
May 21, 2020
More results


Similar Description - EMB2

ManufacturerPart #DatasheetDescription
logo
Rohm
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA5AT148 ROHM-FMA5AT148 Datasheet
464Kb / 8P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA1AT148 ROHM-FMA1AT148 Datasheet
422Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA2AT148 ROHM-FMA2AT148 Datasheet
444Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB10T2R ROHM-EMB10T2R Datasheet
486Kb / 8P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA9AT148 ROHM-FMA9AT148 Datasheet
425Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
IMB10AT110 ROHM-IMB10AT110 Datasheet
526Kb / 8P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA3AT148 ROHM-FMA3AT148 Datasheet
437Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com