Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5570 Datasheet (PDF) - Analog Devices

AD5570 Datasheet PDF - Analog Devices
Part # AD5570
Download  AD5570 Download
File Size   436.84 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC

AD5570 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5570 Datasheet PDF - Analog Devices

Part # AD5570
Download  AD5570 Click to download

File Size   436.84 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC

AD5570 Datasheet (HTML) - Analog Devices


AD5570 Product details

GENERAL DESCRIPTION

The AD5512A/AD5542A are single, 12-/16-bit, serial input, unbuffered voltage output digital-to-analog converters (DAC) that operate from a single 2.7 V to 5.5 V supply. The DAC output range extends from 0 V to VREFand is guaranteed monotonic, providing 1 LSB INL accuracy at 16 bits without adjustment over the full specified temperature range of −40°C to +85°C (AD5542A) or −40°C to +125°C (AD5512A). Offering unbuffered outputs, the AD5512A/AD5542A achieve

a 1 μs settling time with low offset errors ideal for high speed open loop control.



FEATURES

12-/16-bit resolution

1 LSB INL

11.8 nV/√Hz noise spectral density

1 µs settling time

1.1 nV-sec glitch energy

0.05 ppm/°C temperature drift

5 kV HBM ESD classification

0.375 mW power consumption at 3 V

2.7 V to 5.5 V single-supply operation

Hardware CLRand LDACfunctions

50 MHz SPI-/QSPI-/MICROWIRE-/DSP-compatible interface

Power-on reset clears DAC output to midscale

Available in 3 mm × 3 mm, 10-/16-lead LFCSP and

16-lead TSSOP





APPLICATIONS

Automatic test equipment

Precision source-measure instruments

Data acquisition systems

Medical and aerospace instrumentation

Communication equipment



AD5512A

VDD= 2.7 V to 5.5 V, VLOGIC= 2.7 V to 5.5 V, VREF= 2.5 V, AGND = DGND = 0 V, −40°C < TA< +125°C, unless otherwise noted.



AD5542A

VDD= 2.7 V to 5.5 V, VLOGIC= 2.7 V to 5.5 V, VREF= 2.5 V, AGND = DGND = 0 V, −40°C < TA< +85°C, unless otherwise noted.




Similar Part No. - AD5570

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
963Kb / 24P
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
11/03-Revision 0
AD5570ARS AD-AD5570ARS Datasheet
963Kb / 24P
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
11/03-Revision 0
AD5570ARS-REEL AD-AD5570ARS-REEL Datasheet
963Kb / 24P
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
11/03-Revision 0
AD5570ARS-REEL7 AD-AD5570ARS-REEL7 Datasheet
963Kb / 24P
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
11/03-Revision 0
AD5570BRS AD-AD5570BRS Datasheet
963Kb / 24P
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
11/03-Revision 0
More results


Similar Description - AD5570

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7303 AD-AD7303 Datasheet
361Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD7303BNZ AD-AD7303BNZ Datasheet
363Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com