Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523 Datasheet (PDF) - Analog Devices

AD9523 Datasheet PDF - Analog Devices
Part # AD9523
Download  AD9523 Download
File Size   879.28 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs

AD9523 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9523 Datasheet PDF - Analog Devices

Part # AD9523
Download  AD9523 Click to download

File Size   879.28 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs

AD9523 Datasheet (HTML) - Analog Devices


AD9523 Product details

GENERAL DESCRIPTION
The AD9523 provides a low power, multi-output, clock distribution function with low jitter performance, along with an on-chip PLL and VCO. The on-chip VCO tunes from 3.6 GHz to 4.0 GHz.

FEATURES
   Output frequency: <1 MHz to 1 GHz
   Start-up frequency accuracy: <±100 ppm (determined by
      VCXO reference accuracy)
   Zero delay operation
      Input-to-output edge timing: <150 ps
   14 outputs: configurable LVPECL, LVDS, HSTL, and LVCMOS
   14 dedicated output dividers with jitter-free adjustable delay
   Adjustable delay: 63 resolution steps of ½ period of VCO
      output divider
   Output-to-output skew: <50 ps
   Duty cycle correction for odd divider settings
   Automatic synchronization of all outputs on power-up
   Absolute output jitter: <200 fs at 122.88 MHz
      Integration range: 12 kHz to 20 MHz
   Distribution phase noise floor: −160 dBc/Hz
   Digital lock detect
   Nonvolatile EEPROM stores configuration settings
   SPI- and I²C-compatible serial control port
   Dual PLL architecture
      PLL1
         Low bandwidth for reference input clock cleanup with
            external VCXO
         Phase detector rate up to130 MHz
         Redundant reference inputs
         Automatic and manual reference switchover modes
            Revertive and nonrevertive switching
         Loss of reference detection with holdover mode
         Low noise LVCMOS output from VCXO used for RF/IF
            synthesizers
      PLL2
         Phase detector rate up to 259 MHz
         Integrated low noise VCO

APPLICATIONS
   LTE and multicarrier GSM base stations
   Wireless and broadband infrastructure
   Medical instrumentation
   Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
   Low jitter, low phase noise clock distribution
   Clock generation and translation for SONET, 10Ge, 10G FC,
      and other 10 Gbps protocols
   Forward error correction (G.710)
   High performance wireless transceivers
   ATE and high performance instrumentation




Similar Part No. - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
AD9523-1/PCBZ AD-AD9523-1/PCBZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
More results


Similar Description - AD9523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03806 TI-LMK03806 Datasheet
489Kb / 39P
Ultra Low Jitter Clock Generator with 14 Programmable Outputs
LMK03806 TI1-LMK03806_12 Datasheet
465Kb / 39P
Ultra Low Jitter Clock Generator with 14 Programmable Outputs
logo
Analog Devices
AD9524 AD-AD9524 Datasheet
863Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
REV. D
AD9524BCPZ AD-AD9524BCPZ Datasheet
925Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
Rev. E
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK03806 TI1-LMK03806_15 Datasheet
1Mb / 66P
Ultra Low Jitter Clock Generator With 14 Programmable Outputs
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
9/15-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com