Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT-034 Datasheet (PDF) - Analog Devices

MT-034 Datasheet PDF - Analog Devices
Part # MT-034
Download  MT-034 Download
File Size   369.06 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Dual/Triple Video Amplifiers

MT-034 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT-034 Datasheet PDF - Analog Devices

Part # MT-034
Download  MT-034 Click to download

File Size   369.06 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Dual/Triple Video Amplifiers

MT-034 Datasheet (HTML) - Analog Devices


MT-034 Product details

PRODUCT DESCRIPTION
The AD8072 (dual) and AD8073 (triple) are low cost, current feedback amplifiers intended for high volume, cost sensitive applications. In addition to being low cost, these amplifiers deliver solid video performance into a 150 Ω load while consuming only 3.5 mA per amplifier of supply current. Furthermore, the AD8073 is three amplifiers in a single 14-lead narrow-body SOIC package. This makes it ideal for applications where small size is essential. Each amplifier’s inputs and output are accessible providing added gain setting flexibility.
   
FEATURES
    Very Low Cost
    Good Video Specifications (RL = 150Ω)
        Gain Flatness of 0.1 dB to 10 MHz
        0.05% Differential Gain Error
        0.1° Differential Phase Error
    Low Power
        3.5 mA/Amplifier Supply Current
        Operates on Single 5 V to 12 V Supply
    High Speed
        100 MHz, –3 dB Bandwidth (G = +2)
        500 V/μs Slew Rate
        Fast Settling Time of 25 ns (0.1%)
    Easy to Use
        30 mA Output Current
        Output Swing to 1.3 V of Rails on Single 5 V Supply
   
APPLICATIONS
    Video Line Driver
    Computer Video Plug-In Boards
    RGB or S-Video Amplifier in Component Systems
   




Similar Part No. - MT-034

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MT-032 AD-MT-032 Datasheet
602Kb / 17P
Quad 150 MHz Rail-to-Rail Amplifier
REV. B
MT-032 AD-MT-032 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
MT-033 AD-MT-033 Datasheet
602Kb / 17P
Quad 150 MHz Rail-to-Rail Amplifier
REV. B
MT-033 AD-MT-033 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
MT-035 AD-MT-035 Datasheet
121Kb / 12P
Op Amp Inputs, Outputs, Single-Supply, and Rail-to-Rail Issues
REV. 0
More results


Similar Description - MT-034

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8072 AD-AD8072 Datasheet
167Kb / 11P
Low Cost, Dual/Triple Video Amplifiers
REV.A
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
Low Cost, Dual, Triple and Quad Video Op Amps
logo
Linear Technology
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
Low Cost Dual and Quad Video Amplifiers
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
Low Cost, Dual, Triple and Quad Video Op Amps
August 6, 2001
logo
Analog Devices
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
Low Cost Dual and Quad Video Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com