Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG706 Datasheet (PDF) - Analog Devices

ADG706 Datasheet PDF - Analog Devices
Part # ADG706
Download  ADG706 Download
File Size   222.95 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers

ADG706 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG706 Datasheet PDF - Analog Devices

Part # ADG706
Download  ADG706 Click to download

File Size   222.95 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers

ADG706 Datasheet (HTML) - Analog Devices


ADG706 Product details

GENERAL DESCRIPTION
The ADG706 and ADG707 are low-voltage, CMOS analog multiplexers comprising 16 single channels and eight differential channels, respectively. The ADG706 switches one of 16 inputs (S1–S16) to a common output, D, as determined by the 4-bit binary address lines A0, A1, A2, and A3. The ADG707 switches one of eight differential inputs to a common differential output as determined by the 3-bit binary address lines A0, A1, and A2. An EN input on both devices is used to enable or disable the device. When disabled, all channels are switched OFF.

FEATURES
   +1.8 V to +5.5 V Single Supply
   ±2.5 V Dual Supply
   2.5 Ω ON Resistance
   0.5 Ω ON Resistance Flatness
   100 pA Leakage Currents
   40 ns Switching Times
   Single 16-to-1 Multiplexer ADG706
   Differential 8-to-1 Multiplexer ADG707
   28-Lead TSSOP Package
   Low-Power Consumption
   TTL/CMOS-Compatible Inputs

APPLICATIONS
   Data Acquisition Systems
   Communication Systems
   Relay Replacement
   Audio and Video Switching
   Battery-Powered Systems




Similar Part No. - ADG706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG706 AD-ADG706 Datasheet
154Kb / 11P
CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV.0
ADG706 AD-ADG706 Datasheet
222Kb / 12P
CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
logo
Cirrus Logic
ADG706 CIRRUS-ADG706 Datasheet
339Kb / 10P
Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
logo
Analog Devices
ADG706BRU AD-ADG706BRU Datasheet
154Kb / 11P
CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV.0
ADG706BRU AD-ADG706BRU Datasheet
246Kb / 12P
CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
More results


Similar Description - ADG706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG731BSUZ AD-ADG731BSUZ Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG707BRUZ-REEL7 AD-ADG707BRUZ-REEL7 Datasheet
222Kb / 12P
CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG708BRUZ-REEL7 AD-ADG708BRUZ-REEL7 Datasheet
332Kb / 20P
CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com