Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3309 Datasheet (PDF) - Analog Devices

ADP3309 Datasheet PDF - Analog Devices
Part # ADP3309
Download  ADP3309 Download
File Size   348.6 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description anyCAP 100 mA Low Dropout Linear Regulator

ADP3309 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3309 Datasheet PDF - Analog Devices

Part # ADP3309
Download  ADP3309 Click to download

File Size   348.6 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description anyCAP 100 mA Low Dropout Linear Regulator

ADP3309 Datasheet (HTML) - Analog Devices


ADP3309 Product details

GENERAL DESCRIPTION
The ADP3309 is a member of the ADP330x family of precision low dropout anyCAP voltage regulators. It is pin-for-pin and functionally compatible with National’s LP2981, but offers performance advantages. The ADP3309 stands out from conventional LDOs with a novel architecture and an enhanced process. Its patented design requires only a 0.47 μF output capacitor for stability. This device is stable with any type of capacitor regardless of its equivalent series resistance (ESR) value, including ceramic types for space restricted applications.
The ADP3309 achieves ±1.2% accuracy at room temperature and ±2.2% overall accuracy over temperature, line, and load regulations. The dropout voltage of the ADP3309 is only 120 mV (typical) at 100 mA. This device also includes a current limit and a shutdown feature. In shutdown mode, the ground current is reduced to ~1 μA.
The ADP3309 operates with a wide input voltage range from 2.8 V to 12 V and delivers a load current in excess of 100 mA. The ADP3309 anyCAP LDO offers a wide range of output voltages.

  FEATURES
  ±1.2% accuracy over line and load regulations @ 25°C
  Ultralow dropout voltage: 120 mV typical @ 100 mA
  Requires only COUT = 0.47 μF for stability
  anyCAP LDOs are stable with all types of capacitors (including MLCC)
  Current and thermal limiting
  Low noise
  Low shutdown current: 1 μA
  2.8 V to 12 V supply range
  −20°C to +85°C ambient temperature range
  Several fixed voltage options
  Ultrasmall 5-lead SOT-23 package
  Excellent line and load regulations
 
APPLICATIONS
  Cellular telephones
  Notebook, palmtop computers
  Battery-powered systems
  PCMCIA regulator
  Bar code scanners
  Camcorders, cameras




Similar Part No. - ADP3309

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3309 AD-ADP3309 Datasheet
125Kb / 8P
High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV.A
ADP3309 AD-ADP3309 Datasheet
135Kb / 8P
High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV.A
ADP3309 AD-ADP3309 Datasheet
120Kb / 8P
anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3309 AD-ADP3309 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3309 AD-ADP3309 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results


Similar Description - ADP3309

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3309 AD-ADP3309 Datasheet
120Kb / 8P
anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3309ART-2.5-REEL7 AD-ADP3309ART-2.5-REEL7 Datasheet
348Kb / 12P
anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3308ART-27 AD-ADP3308ART-27 Datasheet
118Kb / 8P
anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3309ART-25 AD-ADP3309ART-25 Datasheet
348Kb / 12P
anyCAP 100 mA Low Dropout Linear Regulator
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com