Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3040B-1 Datasheet (PDF) - Microsemi Corporation

1N3040B-1 Datasheet PDF - Microsemi Corporation
Part # 1N3040B-1
Download  1N3040B-1 Download
File Size   280.25 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1 Watt Glass Case Zener Diodes

1N3040B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3040B-1 Datasheet PDF - Microsemi Corporation

Part # 1N3040B-1
Download  1N3040B-1 Click to download

File Size   280.25 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1 Watt Glass Case Zener Diodes

1N3040B-1 Datasheet (HTML) - Microsemi Corporation


1N3040B-1 Product details

DESCRIPTION
This well established Zener diode series for the 1N3016B-1 through 1N3045B-1 JEDEC registration in the glass DO-41 package provides a glass hermetic seal for 6.8 to 110 volts. It is also well suited for high-reliability applications where it is available in JAN, JANTX, and JANTXV military qualifications. Lower voltages are also available in the 1N3821 through 1N3828 series (3.3 V to 7.5 V) in the same package (see separate data sheet).

FEATURES
• JEDEC registered 1N3016 through 1N3045 numbers.
• Zener voltage range: 6.8 volts to 110 volts.
• Hermetically sealed DO-41 glass package.
• Metallurgically bonded.
• Double plug construction.
• Voltage tolerances of 5%, 2%, and 1% available.
• JAN, JANTX, and JANTXV qualifications also available per MIL-PRF-19500/115. (See part nomenclature for all available options.)
• RoHS compliant versions available (commercial grade only).

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range.
• Wide selection from 6.8 to 110 volts.
• Low reverse (leakage) currents.
• Non-sensitive to ESD.
• Inherently radiation hard as described in Microsemi “MicroNote 050”.




Similar Part No. - 1N3040B-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3040B CDI-DIODE-1N3040B Datasheet
21Kb / 2P
1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3040B MICROSEMI-1N3040B Datasheet
101Kb / 2P
Silicon 1 WATT Zener Diodes
1N3040B MICROSEMI-1N3040B Datasheet
198Kb / 3P
1 WATT METAL CASE ZENER DIODES
1N3040BTR MICROSEMI-1N3040BTR Datasheet
198Kb / 3P
1 WATT METAL CASE ZENER DIODES
1N3040BTRUR-1 MICROSEMI-1N3040BTRUR-1 Datasheet
198Kb / 3P
1 WATT METAL CASE ZENER DIODES
More results


Similar Description - 1N3040B-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
1 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
1 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
1.5 WATT GLASS ZENER DIODES
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
5 WATT GLASS ZENER DIODES
1N3016B MICROSEMI-1N3016B Datasheet
198Kb / 3P
1 WATT METAL CASE ZENER DIODES
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
5 WATT GLASS ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Digitron Semiconductors
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
5 WATT GLASS ZENER DIODES
logo
America Semiconductor, ...
1N3016B AMERICASEMI-1N3016B Datasheet
712Kb / 2P
1 Watt Metal Case Zener Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com