Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD630ARZ Datasheet (PDF) - Analog Devices

AD630ARZ Datasheet PDF - Analog Devices
Part # AD630ARZ
Download  AD630ARZ Download
File Size   494.4 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Balanced Modulator/Demodulator

AD630ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD630ARZ Datasheet PDF - Analog Devices

Part # AD630ARZ
Download  AD630ARZ Click to download

File Size   494.4 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Balanced Modulator/Demodulator

AD630ARZ Datasheet (HTML) - Analog Devices


AD630ARZ Product details

PRODUCT DESCRIPTION

The AD630 is a high precision balanced modulator that combines a flexible commutating architecture with the accuracy and temperature stability afforded by laser wafer trimmed thin film resistors. Its signal processing applications include balanced modulation and demodulation, synchronous detection, phase detection, quadrature detection, phase-sensitive detection, lock-in amplification, and square wave multiplication. A network of on-board applications resistors provides precision closed-loop gains of ±1 and ±2 with 0.05% accuracy (AD630B). These resistors may also be used to accurately configure multiplexer gains of +1, +2, +3, or +4. Alternatively, external feedback may be employed, allowing the designer to implement high gain or complex switched feedback topologies.



FEATURES

Recovers Signal from 100 dB Noise

2 MHz Channel Bandwidth

45 V/s Slew Rate

–120 dB Crosstalk @ 1 kHz

Pin Programmable, Closed-Loop Gains of 1 and 2

0.05% Closed-Loop Gain Accuracy and Match

100 V Channel Offset Voltage (AD630BD)

350 kHz Full Power Bandwidth

Chips Available




Similar Part No. - AD630ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD630ARZ AD-AD630ARZ Datasheet
570Kb / 20P
Balanced Modulator/Demodulator
Rev. G
AD630ARZ-RL AD-AD630ARZ-RL Datasheet
570Kb / 20P
Balanced Modulator/Demodulator
Rev. G
More results


Similar Description - AD630ARZ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM1496 NJRC-NJM1496 Datasheet
191Kb / 6P
DOUBLE BALANCED MODULATOR-DEMODULATOR
logo
National Semiconductor ...
LM1596 NSC-LM1596 Datasheet
164Kb / 8P
Balanced Modulator-Demodulator
logo
NTE Electronics
NTE973D NTE-NTE973D Datasheet
27Kb / 4P
Integrated Circuit Double Balanced Modulator/Demodulator
logo
Analog Devices
AD630 AD-AD630 Datasheet
288Kb / 8P
Balanced Modulator/Demodulator
REV.C
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
logo
Analog Devices
AD630 AD-AD630_04 Datasheet
318Kb / 12P
Balanced Modulator/Demodulator
REV. E
AD630KNZ AD-AD630KNZ Datasheet
488Kb / 13P
Balanced Modulator/Demodulator
REV. E
AD630ADZ AD-AD630ADZ Datasheet
488Kb / 13P
Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630_15 Datasheet
519Kb / 13P
Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630_V01 Datasheet
570Kb / 20P
Balanced Modulator/Demodulator
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com